công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL.B bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện DLP4710LCFQL.B
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B bảng dữ liệu(HTML) 4 Page - Texas Instruments

  DLP4710LCFQL.B Datasheet HTML 1Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 2Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 3Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 4Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Table 5-1. Pin Functions – Connector Pins (continued)
PIN(1)
TYPE
SIGNAL
DATA RATE
DESCRIPTION
PACKAGE NET
LENGTH(2) (mm)
NAME
NO.
D_BN(2)
D28
I
SubLVDS
Double
Data, Negative
2.76
D_BN(3)
D26
I
SubLVDS
Double
Data, Negative
5.47
D_BN(4)
L25
I
SubLVDS
Double
Data, Negative
4.85
D_BN(5)
K25
I
SubLVDS
Double
Data, Negative
4.10
D_BN(6)
L28
I
SubLVDS
Double
Data, Negative
2.53
D_BN(7)
K27
I
SubLVDS
Double
Data, Negative
2.76
D_BP(0)
F27
I
SubLVDS
Double
Data, Positive
2.51
D_BP(1)
E27
I
SubLVDS
Double
Data, Positive
4.43
D_BP(2)
D27
I
SubLVDS
Double
Data, Positive
2.76
D_BP(3)
D25
I
SubLVDS
Double
Data, Positive
5.47
D_BP(4)
L26
I
SubLVDS
Double
Data, Positive
4.85
D_BP(5)
J25
I
SubLVDS
Double
Data, Positive
4.10
D_BP(6)
K28
I
SubLVDS
Double
Data, Positive
2.53
D_BP(7)
J27
I
SubLVDS
Double
Data, Positive
2.76
DCLK_AN
J3
I
SubLVDS
Double
Clock, Negative
3.77
DCLK_AP
K3
I
SubLVDS
Double
Clock, Positive
3.77
DCLK_BN
H26
I
SubLVDS
Double
Clock, Negative
2.98
DCLK_BP
H27
I
SubLVDS
Double
Clock, Positive
2.98
CONTROL INPUTS
LS_WDATA
D3
I
LPSDR(1)
Single
Write data for low speed interface.
1.20
LS_CLK
C3
I
LPSDR
Single
Clock for low-speed interface
1.20
DMD_DEN_ARSTZ
B6
I
LPSDR
Asynchronous reset DMD signal. A low
signal places the DMD in reset. A high
signal releases the DMD from reset
and places it in active mode.
4.19
LS_RDATA_A
C6
O
LPSDR
Single
Read data for low-speed interface
3.93
LS_RDATA_B
C4
O
LPSDR
Single
Read data for low-speed interface
2.57
POWER (3)
VBIAS
B27
Power
Supply voltage for positive bias level at
micromirrors
24.51
VBIAS
B4
Power
24.51
VOFFSET
B2
Power
Supply voltage for HVCMOS core
logic. Supply voltage for stepped
high level at micromirror address
electrodes.
Supply voltage for offset level at
micromirrors.
49.56
VOFFSET
C29
Power
49.56
VRESET
B28
Power
Supply voltage for negative reset level
at micromirrors.
24.82
VRESET
B3
Power
24.82
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com