công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL.B bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện DLP4710LCFQL.B
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 23Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 24Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 25Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 26Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
•
TARRAY = Computed array temperature (°C)
•
TCERAMIC = Measured ceramic temperature (°C) (TP1 location)
•
RARRAY-TO-CERAMIC = Thermal resistance of package specified in Section 6.5 from array to ceramic TP1 (°C/Watt)
•
QARRAY = Total DMD power on the array (W) (electrical + absorbed)
•
QELECTRICAL = Nominal electrical power (W)
•
QINCIDENT = Incident illumination optical power (W)
•
QILLUMINATION = (DMD average thermal absorptivity × QINCIDENT) (W)
•
DMD average thermal absorptivity = 0.4
The electrical power dissipation of the DMD is variable and depends on the voltages, data rates and operating
frequencies. A nominal electrical power dissipation to use when calculating array temperature is 0.25 Watts. The
absorbed power from the illumination source is variable and depends on the operating state of the micromirrors
and the intensity of the light source. The equations shown above are valid for a single chip or multichip DMD
system. It assumes an illumination distribution of 83.7% on the active array, and 16.3% on the array border.
The sample calculation for a typical projection application is as follows:
QINCIDENT = 9.4 W (measured)
TCERAMIC = 55.0°C (measured)
QELECTRICAL = 0.25 W
QARRAY = 0.25 W + (0.40 × 9.4 W) = 4.01 W
TARRAY = 55.0°C + (4.01 W × 1.1°C/W) = 59.4°C
7.7 Micromirror Power Density Calculation
The calculation of the optical power density of the illumination on the DMD in the different wavelength bands
uses the total measured optical power on the DMD, percent illumination overfill, area of the active array, and
ratio of the spectrum in the wavelength band of interest to the total spectral optical power.
• ILLUV = [OPUV-RATIO × QINCIDENT] × 1000 ÷ AILL (mW/cm2)
• ILLVIS = [OPVIS-RATIO × QINCIDENT] ÷ AILL (W/cm2)
• ILLIR = [OPIR-RATIO × QINCIDENT] × 1000 ÷ AILL (mW/cm2)
• ILLBLU = [OPBLU-RATIO × QINCIDENT] ÷ AILL (W/cm2)
• ILLBLU1 = [OPBLU1-RATIO × QINCIDENT] ÷ AILL (W/cm2)
• AILL = AARRAY ÷ (1 - OVILL) (cm2)
where:
• ILLUV = UV illumination power density on the DMD (mW/cm2)
• ILLVIS = VIS illumination power density on the DMD (W/cm2)
• ILLIR = IR illumination power density on the DMD (mW/cm2)
• ILLBLU = BLU illumination power density on the DMD (W/cm2)
• ILLBLU1 = BLU1 illumination power density on the DMD (W/cm2)
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com