công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL.B bảng dữ liệu(PDF) 37 Page - Texas Instruments

tên linh kiện DLP4710LCFQL.B
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 34Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 35Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 36Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 37Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 38Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 39Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 40Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
10 Layout
10.1 Layout Guidelines
There are no specific layout guidelines for the DMD as typically DMD is connected using a board to board
connector to a flex cable. Flex cable provides the interface of data and Ctrl signals between the DLPC3479
controller and the DLP4710LC DMD. For detailed layout guidelines refer to the layout design files. Some layout
guideline for the flex cable interface with DMD are:
• Match lengths for the LS_WDATA and LS_CLK signals.
• Minimize vias, layer changes, and turns for the HS bus signals. Refer Figure 10-1.
• Minimum of two 220-nF decoupling capacitor close to VBIAS. Capacitor C3 and C10 in Figure 10-1.
• Minimum of two 220-nF decoupling capacitor close to VRST. Capacitor C1 and C9 in Figure 10-1.
• Minimum of two 220-nF decoupling capacitor close to VOFS. Capacitor C2 and C8 in Figure 10-1.
• Minimum of four 220-nF decoupling capacitor close to VDDI and VDD. Capacitor C4, C5, C6 and C7 in
Figure 10-1.
10.2 Layout Example
Figure 10-1. Power Supply Connections
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com