công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL.B bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện DLP4710LCFQL.B
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 10Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 11Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 12Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 13Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
MIN
NOM
MAX
UNIT
TWINDOW
Window Temperature – operational(11) (17)
90
°C
TDP-AVG
Average dew point temperature (non-condensing)(18)
24
°C
TDP-ELR
Elevated dew point temperature range (non-condensing)(19)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
6
Months
ILLUMINATION
ILLUV
Illumination power at wavelengths < 410 nm(11)
10 mW/cm2
ILLVIS
Illumination power at wavelengths ≥ 410 nm and ≤ 800 nm(21)
20.5
W/cm2
ILLIR
Illumination power at wavelengths > 800 nm
10 mW/cm2
ILLBLU
Illumination power at wavelengths ≥ 410 nm and ≤ 475 nm(21)
6.5
W/cm2
ILLBLU1
Illumination power at wavelengths ≥ 410 nm and ≤ 445 nm(21)
1.2
W/cm2
ILLθ
Illumination marginal ray angle(20)
55
deg
(1)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, and VRESET. All VSS connections
are also required.
(2)
Recommended Operating Conditions are applicable after the DMD is installed in the final product.
(3)
The functional performance of the device specified in this data sheet is achieved when operating the device within the limits defined
by the Recommended Operating Conditions. No level of performance is implied when operating the device above or below the
Recommended Operating Conditions limits.
(4)
All voltage values are with respect to the ground pins (VSS).
(5)
VOFFSET supply transients must fall within specified max voltages.
(6)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(7)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(8)
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than specified limit.
(9)
LS_CLK must run as specified to ensure internal DMD timing for reset waveform commands.
(10) Refer to the SubLVDS timing requirements in Section 6.7.
(11) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(12) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 7-1 and the Package Thermal Resistance using Section 7.6.
(13) Per Figure 6-1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the
DMD experiences in the end application. Refer to Section 7.8 for a definition of micromirror landed duty cycle.
(14) Long-term is defined as the usable life of the device
(15) Short-term is the total cumulative time over the useful life of the device.
(16) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge shown in Figure
7-1. The window test points TP2, TP3, TP4, and TP5 shown in Figure 7-1 are intended to result in the worst case delta temperature. If
a particular application causes another point on the window edge to result in a larger delta temperature, that point should be used.
(17) Window temperature is the highest temperature on the window edge shown in Figure 7-1. The locations of thermal test points TP2,
TP3, TP4, and TP5 in Figure 7-1 are intended to measure the highest window edge temperature. If a particular application causes
another point on the window edge to be at a higher temperature, that point should be used.
(18) The average over time (including storage and operating) that the device is not in the elevated dew point temperature range.
(19) Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total
cumulative time of CTELR.
(20) The maximum marginal ray angle of the incoming illumination light at any point in the micromirror array, including Pond of Micromirrors
(POM), should not exceed 55 degrees from the normal to the device array plane. The device window aperture has not necessarily
been designed to allow incoming light at higher maximum angles to pass to the micromirrors, and the device performance has not
been tested nor qualified at angles exceeding this. Illumination light exceeding this angle outside the micromirror array (including POM)
will contribute to thermal limitations described in this document, and may negatively affect lifetime.
(21) The maximum allowable optical power incident on the DMD is limited by the maximum optical power density for each wavelength
range specified and the micromirror array temperature (TARRAY).
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com