công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EP100R bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG

tên linh kiện 2EP100R
Giải thích chi tiết về linh kiện  Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EP100R bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG

Back Button 2EP100R Datasheet HTML 17Page - Infineon Technologies AG 2EP100R Datasheet HTML 18Page - Infineon Technologies AG 2EP100R Datasheet HTML 19Page - Infineon Technologies AG 2EP100R Datasheet HTML 20Page - Infineon Technologies AG 2EP100R Datasheet HTML 21Page - Infineon Technologies AG 2EP100R Datasheet HTML 22Page - Infineon Technologies AG 2EP100R Datasheet HTML 23Page - Infineon Technologies AG 2EP100R Datasheet HTML 24Page - Infineon Technologies AG 2EP100R Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
4.2
Thermal characteristics
Table 7
Thermal characteristics
Thermal performance may change significantly with layout and heat dissipation of components in close proximity.
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Thermal resistance, junction-to-
ambient PG-TSSOP-8 
RTHJA
 
 
75
K/W
TA = 25°C, PD = 930 mW, PG-
TSSOP-8 
Characterization parameter,
junction-to-package top-side PG-
TSSOP-8
ΨJPtop     14 K/W TA=25°C,PD=930mW, PG-
TSSOP-8
4.3
Operating parameters
Table 8
Operating parameters
Within the operating range, the IC operates as described in the functional description and electrical characteristics.
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Supply voltage, operating
VVDD
4.5
 
20
V
 
Logic input voltages, operating
VLOGIC
-0.3
 
5.5
V
VVDD > 5.5 V 1)
Logic input voltages, operating
VLOGIC
-0.3
 
VVDD
+0.3
V
VVDD < 5.5 V 1)
Minimum on-time
tONmin
540
 
 
ns
 
Switching frequency
fSW
50
 
695
kHz
only 2EP130x 
Ambient temperature, operating
TA
-40
 
125
°C
TJ < TOTPOFF 2)
1)
Valid for externally applied voltages
2)
For life time calculations, please contact your local Infineon quality team.
EiceDRIVER™ Power 2EP1xxR family datasheet
Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
4 Electrical characteristics and parameters
Datasheet
21
v1.00
2024-08-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com