công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EP100R bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG

tên linh kiện 2EP100R
Giải thích chi tiết về linh kiện  Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EP100R bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG

Back Button 2EP100R Datasheet HTML 9Page - Infineon Technologies AG 2EP100R Datasheet HTML 10Page - Infineon Technologies AG 2EP100R Datasheet HTML 11Page - Infineon Technologies AG 2EP100R Datasheet HTML 12Page - Infineon Technologies AG 2EP100R Datasheet HTML 13Page - Infineon Technologies AG 2EP100R Datasheet HTML 14Page - Infineon Technologies AG 2EP100R Datasheet HTML 15Page - Infineon Technologies AG 2EP100R Datasheet HTML 16Page - Infineon Technologies AG 2EP100R Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
3.3.1
Frequency setting by pin strapping in 2EP100R, 2EP101R, and 2EP110R
The products 2EP100R, 2EP101R, and 2EP110R provide the option of selecting a frequency via the following pin
strapping methods:
•
Connecting the pin FREQ to GND with a resistance lower than 1 kΩ enables a lower switching frequency
•
Leaving the pin FREQ open or connecting a resistance larger than 4.7 kΩ to GND enables a higher switching
frequency
3.3.2
Frequency setting by resistor configuration in 2EP130R
2EP130R provides the option to select frequencies over a wide range, from 50 kHz to 695 kHz. This helps in adapting
the device to different application conditions, including transformer parameters.
A resistor from FREQ/BYP pin to GND sets one out of 41 discrete switching frequencies. Figure 11 shows the resulting
switching frequency over the recommended E96 series resistor values. In case any other value within the allowed
external resistor value range has been selected, the transformer driver selects the frequency matching to the closest
resistor value of these recommended E96 resistor values.
0
100
200
300
400
500
600
700
resistor value [Ω] in E96 series
Figure 11
Frequency setting by resistor configuration for 2EP130R
3.4
Duty-cycle setting
The 2EP1xxR family offers three operating modes to adjust the highly accurate duty cycle:
•
Pin strapping for 2EP100R and 2EP101R
•
Resistor setting for 2EP110R and 2EP130R
•
Bypass mode for 2EP130R, see Chapter 3.5
A duty-cycle setting other than 50% is mainly used in application circuits with a series capacitor at the primary side
and peak rectification at the secondary side of the transformer. Such a configuration allows users to adjust the ratio
of the positive to the negative isolated output voltage. The transfer ratio of the transformer defines the relation
between the transformer's input and output voltages. Both measures together enable the adjustment of the output
voltage for positive and negative rail in a wide voltage range.
EiceDRIVER™ Power 2EP1xxR family datasheet
Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
3 Functional description
Datasheet
13
v1.00
2024-08-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com