công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EP100R bảng dữ liệu(PDF) 32 Page - Infineon Technologies AG

tên linh kiện 2EP100R
Giải thích chi tiết về linh kiện  Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EP100R bảng dữ liệu(HTML) 32 Page - Infineon Technologies AG

Back Button 2EP100R Datasheet HTML 28Page - Infineon Technologies AG 2EP100R Datasheet HTML 29Page - Infineon Technologies AG 2EP100R Datasheet HTML 30Page - Infineon Technologies AG 2EP100R Datasheet HTML 31Page - Infineon Technologies AG 2EP100R Datasheet HTML 32Page - Infineon Technologies AG 2EP100R Datasheet HTML 33Page - Infineon Technologies AG 2EP100R Datasheet HTML 34Page - Infineon Technologies AG 2EP100R Datasheet HTML 35Page - Infineon Technologies AG 2EP100R Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
5.3
Load behavior for open loop converter
5.3.1
Light-load output voltage increase
The light-load output voltage increase is a known effect for open loop converters. It is mainly caused by switching
frequency, leakage inductance of the transformer, and the rectifier diode's capacitance.
Increased leakage inductance, switching frequency, or rectifier diode's capacitance leads to a higher increase in the
light-load output voltage. The following measures can be evaluated for a dedicated application:
•
Keep leakage inductance of the transformer low
•
Keep switching frequencies low
•
Use diodes with low capacitance
•
Suppress light-load output voltage increase with a minimal load resistor
Do not suppress the light-load voltage increase at the output with Zener diodes. These diodes might interact with the
peak current mode start-up and keep 2EP in its start-up phase.
5.3.2
Isolated output voltage drop over load versus parasitics
In all open loop converters, the isolated output voltage is dependent on the load. The larger the output current the
larger the output voltage drop. The 2EP transformer driver is an open loop system, voltage decrease over load cannot
be compensated by the transformer driver, therefore, it has to be considered.
There are two major influencing factors:
•
Resistance in the input-to-output loop
•
Leakage inductance of the transformer
Voltage drop due to resistance in the loop
There are several resistances in the loop, such as the RDSon of the 2EP output stage, the series resistance, the input
and output winding resistance, and the diode's dynamic forward resistance. All resistances create a voltage drop
according to the current flow in these elements (duty-cycle and output-current dependent). Drops in the input
voltage have to be converted with the TTR to get output voltage drops. All of these voltage drops have to be summed
up.
Voltage drop due to leakage inductance
Leakage inductance is an additional source of output voltage drop. It limits the dI/dt of the current transfer. To keep
the transferred charge constant, the peak current value increases. This increased peak current forces a larger resistive
voltage drop across the resistive elements in the loop. This behavior is similar to the voltage drop across a resistor
and is also, therefore, dependent on the output current and duty cycle.
5.4
Soft start in application
At start-up, the output capacitor voltages are at 0 V, resulting in the converter working against the low impedance of
the discharged output capacitor. According to the general transformer transfer equation, the charging current is
primarily constrained by parasitic elements such as resistance in the loop and leakage inductance. Without additional
measures, these elements can lead to a high charging current.
To address this challenge, the 2EP1xxR employs a sophisticated peak-current-mode control scheme with increased
switching frequency. The increased switching frequency during soft start only applies to configured switching
frequencies of below 360 kHz.
The peak-current-mode utilizes the current limiting properties of the leakage inductance and the loop resistance at
the input side, along with the overcurrent threshold IOCthr,6, to limit the soft start current. This leakage inductance and
the loop resistance together build a minimal impedance required for a successful start-up. While the leakage
inductance influences the maximum charge transfer from the input to the output capacitors, both together are vital to
achieve a charge balance within the series capacitor. This charge balance ensures a constant voltage across this series
EiceDRIVER™ Power 2EP1xxR family datasheet
Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
5 Application section
Datasheet
32
v1.00
2024-08-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com