công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EP100R bảng dữ liệu(PDF) 41 Page - Infineon Technologies AG

tên linh kiện 2EP100R
Giải thích chi tiết về linh kiện  Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EP100R bảng dữ liệu(HTML) 41 Page - Infineon Technologies AG

Back Button 2EP100R Datasheet HTML 37Page - Infineon Technologies AG 2EP100R Datasheet HTML 38Page - Infineon Technologies AG 2EP100R Datasheet HTML 39Page - Infineon Technologies AG 2EP100R Datasheet HTML 40Page - Infineon Technologies AG 2EP100R Datasheet HTML 41Page - Infineon Technologies AG 2EP100R Datasheet HTML 42Page - Infineon Technologies AG 2EP100R Datasheet HTML 43Page - Infineon Technologies AG 2EP100R Datasheet HTML 44Page - Infineon Technologies AG 2EP100R Datasheet HTML 45Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
VDD
OUT2
15 V
GND
2EP130R
DC
RDY
FREQ/BYP
OUT1
1.25:1
+15 V
GND
-7.5 V
OCSET
PWM: D=33%
Figure 34
Example application with 2EP130R configured in bypass mode
5.7
Use case: Example of SiC MOSFET driver supply
The calculations in this section are based on the equations from Chapter 5.2. They have been rearranged to calculate
the duty cycle and transformer turn ratio (TTR) from the requested voltages. The purpose for this example is to get an
output voltage suitable for SiC MOSFET gate driver ICs.
Application parameters (input)
•
Input supply voltage for 2EP130R: VVDD = 15 V
•
Nominal target positive output voltage after peak rectification: VVCCx = 18 V
•
Nominal target negative output voltage after peak rectification: VVEEx = -2.5 V
•
Expected diode forward voltage: VF = 0.4 V
The output voltages provided here are considered nominal when the increase in light load output voltage and the
drop in load-dependent output voltage are negligible. For the transformer suggested in this example, the nominal
load is approximately 15 mA. To consider the impact of the diode forward voltage on the output voltages, a more
accurate calculation of parameters is required.
Calculating and selecting the duty cycle
To calculate the duty cycle (D) for 2EP1xxR, the positive output voltage VVCCx should be put relative to the total output
voltage. The voltage at the transformer should be one forward voltage drop higher than each of the expected output
voltages. The whole value then needs to be subtracted from 1 to get the duty cycle for OUT1:
D=1− VVCCx+VF
2
⋅VF+VVCCx−VVEEx
D=1− 18V+0.4V
2
⋅0.4V+18V− −2.5V
D=0.136 Dselected=14%
The percentage value needs to be an integer to be compatible with 2EP. The selected duty cycle, in this example, is
rounded to 14%. According to the resistor selection table given in the 2EP1xxR datasheet, this duty cycle setting
requires a resistor value of 698 Ω at the DC pin. It introduces a slight offset in the actual output voltage compared to
the target value.
Note:
2EP1xxR supports duty cycles in the range of 10% and 50%.
Calculating and selecting the transformer turn ratio
To calculate the transformer turn ratio (TTR), the total primary transformer voltage needs to be put relative to the
total output voltage of the transformer on the secondary side as required by the application. As 2EP1xxR is a full-
bridge transformer driver, the total voltage at the primary transformer winding is twice the input supply voltage of
2EP1xxR. The series capacitor between 2EP1xxR and the transformer does not influence the total input voltage of the
transformer. Its offset is applied to both polarities so that the absolute voltage remains constant:
TTR
= 2⋅VVDD
2
⋅VF+VVCCx−VVEEx
EiceDRIVER™ Power 2EP1xxR family datasheet
Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
5 Application section
Datasheet
41
v1.00
2024-08-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com