công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EP100R bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện 2EP100R
Giải thích chi tiết về linh kiện  Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EP100R bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  2EP100R Datasheet HTML 1Page - Infineon Technologies AG 2EP100R Datasheet HTML 2Page - Infineon Technologies AG 2EP100R Datasheet HTML 3Page - Infineon Technologies AG 2EP100R Datasheet HTML 4Page - Infineon Technologies AG 2EP100R Datasheet HTML 5Page - Infineon Technologies AG 2EP100R Datasheet HTML 6Page - Infineon Technologies AG 2EP100R Datasheet HTML 7Page - Infineon Technologies AG 2EP100R Datasheet HTML 8Page - Infineon Technologies AG 2EP100R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
- 41 selectable switching frequencies or synchronization to external PWM for transformer adaptation
- 41 selectable duty-cycle options to adjust the output supply voltage
All 2EP1xxR family variants provide several safety functions to secure safe device operation, such as:
• UVLO monitoring
• Overtemperature protection
• Short circuit protection for the outputs
• Average overcurrent protection
• Soft start
• Ready output
The 2EP1xxR family is available in the thermally enhanced package, PG-TSSOP-8-1, with a fine pitch of 0.65 mm.
Part number
Function
Adjustment
method
Marking
Frequency
Duty cycle
Overcurrent
setting
2EP100R
65 kHz, 103 kHz
33%, 50%
OCSET,4
Pin strapping
2EP100
2EP101R
50 kHz, 65 kHz
12%, 17%
OCSET,4
Pin strapping
2EP101
2EP110R
50 kHz, 65 kHz
10% .. 50%
OCSET,4
Pin strapping and
resistor (DC)
2EP110
2EP130R
50 kHz .. 695 kHz
10% .. 50%
OCSET,1 .. 5
Resistor
2EP130
EiceDRIVER™ Power 2EP1xxR family datasheet
Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
Description
Datasheet
2
v1.00
2024-08-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com