công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EP100R bảng dữ liệu(PDF) 39 Page - Infineon Technologies AG

tên linh kiện 2EP100R
Giải thích chi tiết về linh kiện  Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EP100R bảng dữ liệu(HTML) 39 Page - Infineon Technologies AG

Back Button 2EP100R Datasheet HTML 35Page - Infineon Technologies AG 2EP100R Datasheet HTML 36Page - Infineon Technologies AG 2EP100R Datasheet HTML 37Page - Infineon Technologies AG 2EP100R Datasheet HTML 38Page - Infineon Technologies AG 2EP100R Datasheet HTML 39Page - Infineon Technologies AG 2EP100R Datasheet HTML 40Page - Infineon Technologies AG 2EP100R Datasheet HTML 41Page - Infineon Technologies AG 2EP100R Datasheet HTML 42Page - Infineon Technologies AG 2EP100R Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Start-up operation
2EP uses the IOCthr,6 setting for approximately 5 ms during a normal start-up operation. This is independent of the
product variant and the configured current setting. Therefore, the diode has to support at least this repetitive peak
forward current.
•
Positive output VCC:
IFRM= IOCtℎr,6⋅TTR
D
•
Negative output VEE:
IFRM= IOCtℎr,6⋅TTR
1
−D
The 2EP transformer driver can be held in start-up mode with itsIOCthr,6 current setting by overload or short circuit of
the isolated output voltage. In such cases, the diode continuously operates with this current until the system reacts
and removes the short circuit. Therefore, the diode should be able to withstand this current rating for the system
reaction time.
5.5.3.3
Average forward current rating – IF(av)
The average forward current rating of the diode should be larger than the average isolated output current. This
includes the expected power loss capability of the diode in all operating modes.
5.5.3.4
Forward voltage drop – VF
The forward voltage drop across diodes is important for calculating the efficiency and output voltage of the isolated
power supply. Diodes with low voltage drop must be chosen for highest efficiency. The diode voltage drop at peak
forward current must be considered while calculating the output voltage.
5.5.3.5
Diode reverse current – IR
The diode reverse current impacts the diode's power losses and the overall power loss in an isolated power supply.
High reverse current can lead, under worst case conditions, to a thermal runaway of the diode.
If Schottky diodes are used, consider this reverse current during off-time. Schottky diodes are optimized for low
forward voltage and typically have large reverse currents with the risk of a thermal runaway. Reverse current is mainly
a factor of temperature and reverse voltage. Diodes rated with higher breakdown voltages typically have lower
leakage current.
5.5.3.6
Diode capacitance and reverse recovery charge
Diode capacitance and reverse recovery charge play a major role in the rise in light-load output voltage. To minimize
this effect, diodes with low capacitance and low reverse recovery charge must be chosen.
5.5.4
Configuration resistor selection
The configuration resistors are read-out and digitized during start-up. All resistor values can be used at the
configuration pins, but the IC is optimized for 1% resistors of the E96 series to achieve the highest read-out accuracy.
Please note that the 2EP does not interpolate resistor values. Each value read is matched to exactly one discrete
configuration value as indicated in Table 5.
The configuration resistors are only used for a short time after reaching UVLO to configure the IC. To read-out the
applied resistors, a current of less than 0.5 mA is applied for a duration of 2 ms. Due to this low power loss (maximum
16 mW) within the resistor for a duration of 2 ms, smaller resistors such as 0402 or 0603 can be used.
5.6
Use case: IGBT driver supply with 2EP100R and 2EP130R
The transformer driver 2EP100R simplifies an isolated IGBT driver supply for output voltages of +15 V/-7.5 V or ±15 V.
The asymmetric output voltage uses peak rectification for the negative rail and voltage doubling for the positive rail.
Whereas, the symmetric output voltage uses peak rectification for both rails. The duty cycle for these topologies is
always 50%.
EiceDRIVER™ Power 2EP1xxR family datasheet
Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply
5 Application section
Datasheet
39
v1.00
2024-08-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com