| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3103ADBT bảng dữ liệu(PDF) 131 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3103ADBT bảng dữ liệu(HTML) 131 Page - Texas Instruments |
|
131 / 154 page ![]() SUBADDRESS (0xSS) INITIALIZATION VALUE CONTENTS (u Indicates Unused Bits) NUMBER OF 4-BYTE WORDS REGISTER NAME 0x20 Mix F to b 1 u(31:28)F_b(27:24), F_b(23:16), F_b(15:8), F_b(7:0) 0x00, 0x00, 0x00, 0x00 0x21 Mix F to c 1 u(31:28)F_c(27:24), F_c(23:16), F_c(15:8), F_c(7:0) 0x00, 0x00, 0x00, 0x00 0x22 Mix F to d 1 u(31:28)F_d(27:24), F_d(23:16), F_d(15:8), F_d(7:0) 0x00, 0x00, 0x00, 0x00 0x23 Mix F to e 1 u(31:28)F_e(27:24), F_e(23:16), F_e(15:8), F_e(7:0) 0x00, 0x00, 0x00, 0x00 0x24 Mix F to f 1 u(31:28)F_f(27:24), F_f(23:16), F_f(15:8), F_f(7:0) 0x00, 0x00, 0x00, 0x00 0x25 Mix a to c 1 u(31:28)a_c(27:24), a_c(23:16), a_c(15:8), a_c(7:0) 0x00, 0x00, 0x00, 0x00 0x26 Mix b to c 1 u(31:28)b_c(27:24), b_c(23:16), b_c(15:8), b_c(7:0) 0x00, 0x00, 0x00, 0x00 0x27 Mix a to g 1 u(31:28)a_g(27:24), a_g(23:16), a_g(15:8), a_g(7:0) 0x00, 0x00, 0x00, 0x00 0x28 Mix b to h 1 u(31:28)b_h(27:24), b_h(23:16), b_h(15:8), b_h(7:0) 0x00, 0x00, 0x00, 0x00 0x29 Mix a to d via BQ and Rev/D 1 u(31:28)a_d(27:24), a_d(23:16), a_d(15:8), a_d(7:0) 0x00, 0x80, 0x00, 0x00 0x2A Mix a to e via BQ and Rev/D 1 u(31:28)a_e(27:24), a_e(23:16), a_e(15:8), a_e(7:0) 0x00, 0x00, 0x00, 0x00 0x2B Mix b to d via BQ and Rev/D 1 u(31:28)b_d(27:24), b_d(23:16), b_d(15:8), b_d(7:0) 0x00, 0x00, 0x00, 0x00 0x2C Mix b to e via BQ and Rev/D 1 u(31:28)b_e(27:24), b_e(23:16), b_e(15:8), b_e(7:0) 0x00, 0x80, 0x00, 0x00 0x2D Mix g to d via BQ 1 u(31:28)g_d(27:24), g_d(23:16), g_d(15:8), g_d(7:0) 0x00, 0x00, 0x00, 0x00 0x2E Mix g to e via BQ 1 u(31:28)g_e(27:24), g_e(23:16), g_e(15:8), g_e(7:0) 0x00, 0x00, 0x00, 0x00 0x2F Mix h to d via BQ 1 u(31:28)h_d(27:24), h_d(23:16), h_d(15:8), h_d(7:0) 0x00, 0x00, 0x00, 0x00 0x30 Mix h to e via BQ 1 u(31:28)h_e(27:24), h_e(23:16), h_e(15:8), h_e(7:0) 0x00, 0x00, 0x00, 0x00 0x31 Mix c to d via BQ 1 u(31:28)c_d(27:24), c_d(23:16), c_d(15:8), c_d(7:0) 0x00, 0x00, 0x00, 0x00 0x32 Mix c to e via BQ 1 u(31:28)c_e(27:24), c_e(23:16), c_e(15:8), c_e(7:0) 0x00, 0x00, 0x00, 0x00 0x33 Mix f to g and h 1 u(31:28)f_gh(27:24), f_gh(23:16), f_gh(15:8), f_gh(7:0) 0x00, 0x00, 0x00, 0x00 0x34 a_de path, biquad 1 5 u(31:28)a1(27:24), a1(23:16), a1(15:8), a1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)a2(27:24), a2(23:16), a2(15:8), a2(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b0(27:24), b0 (23:16), b0(15:8), b0(7:0) 0x00, 0x80, 0x00, 0x00 u(31:28)b1(27:24), b1(23:16), b1(15:8), b1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b2(27:24), b2(23:16), b2(15:8), b2(7:0) 0x00, 0x00, 0x00, 0x00 0x35 a_de path, biquad 2 5 u(31:28)a1(27:24), a1(23:16), a1(15:8), a1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)a2(27:24), a2(23:16), a2(15:8), a2(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b0(27:24), b0 (23:16), b0(15:8), b0(7:0) 0x00, 0x80, 0x00, 0x00 u(31:28)b1(27:24), b1(23:16), b1(15:8), b1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b2(27:24), b2(23:16), b2(15:8), b2(7:0) 0x00, 0x00, 0x00, 0x00 0x36 a_de path, biquad 3 5 u(31:28)a1(27:24), a1(23:16), a1(15:8), a1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)a2(27:24), a2(23:16), a2(15:8), a2(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b0(27:24), b0 (23:16), b0(15:8), b0(7:0) 0x00, 0x80, 0x00, 0x00 u(31:28)b1(27:24), b1(23:16), b1(15:8), b1(7:0) 0x00, 0x00, 0x00, 0x00 u(31:28)b2(27:24), b2(23:16), b2(15:8), b2(7:0) 0x00, 0x00, 0x00, 0x00 |