| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3103ADBT bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3103ADBT bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 154 page ![]() OUTPUT OM[3:0] FORMAT WORD SIZE DATA DISTRIBUTION: U, V, W, X, Y, Z = OUTPUT MIXER OUTPUTS OUTPUT TYPE OM[3:0] FORMAT WORD SIZE SDOUT1 SDOUT2 SDOUT3 0101 8-CH, 2-chip, left- justified All options valid LR U AB = 0 V W X Not available Not available 1000 8-CH, 2-chip, I2S(2) All options valid except 32-bit 32 32 32 32 32 32 32 32 AB = 1 U V W Y X 32 32 32 32 32 32 32 32 SCLKs SCLKs Not available Not available 0110(1) 6-CH, 2-chip, left- justified All options valid LR U AB = 0 V W Not available Not available 1001(1) 6-CH, 2-chip, I2S(2) All options valid except 32-bit 32 32 32 32 32 32 AB = 1 U W Y 32 32 32 32 32 32 SCLKs SCLKs Not available Not available 0111 4-CH, left-justified All options valid LR Not available Not available TIME 1010 4-CH, I2S(2) All options valid except 32-bit UV 32 32 WX 32 32 SCLKs Not available Not available TIME- DIVISION MULTIPLEX (TDM) 1011 6-CH, 2-chip, 20-bit OW[2:0] = 011 LR UV 20 20 20 4 W 20 20 20 4 AB = 0 AB = 1 U 20 20 20 4 VW 20 20 20 4 SCLKs SCLKs Not available Not available 1100 6-CH data, 8-CH transfer, left-justified All options valid LR Not available Not available 1110 6-CH data, 8-CH transfer, I2S(2) All options valid except 32-bit U AB = 0 W X Z 32 32 32 32 32 32 32 32 V Y SCLKs Not available Not available 1101(1) 6-CH, left-justified All options valid LR UV W 32 32 32 XY Z 32 32 32 SCLKs Not available Not available 1111 6-CH, 20-bit OW[2:0] = 011 LR UV W 20 20 20 4 XY Z 20 20 20 4 SCLKs Not available Not available NOTES: 1. If a 6-CH output format is selected, the input format must also be set to 6-CH. When in a 6-CH mode, data format selections—I2S and left-justified—for the output SAP can be made independent of the data format selections—I2S and left-justified—that are made for the input SAP 2. LRCLK for the I2S format is L R . Figure 2−7. TDM Format Options: Output Serial Audio Port |