công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 7Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 8Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 9Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 10Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 11Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 12Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 13Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 14Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
3.7
JTAG INTERFACE
Signal Name
Type
Pin #
Description
TCK
I, PU
72
TEST CLOCK
This pin has a weak internal pullup.
TDO
O
73
TEST OUTPUT
TMS
I, PU
74
TEST MODE SELECT
This pin has a weak internal pullup.
TRSTN
I, PU
75
TEST RESET Active low test reset.
This pin has a weak internal pullup.
TDI
I, PU
76
TEST DATA INPUT
This pin has a weak internal pullup.
3.8
RESET AND POWER DOWN
Signal Name
Type
Pin #
Description
RESET_N
I, PU
71
RESET: Active Low input that initializes or re-initializes the DP83849IF. Asserting
this pin low for at least 1 µs will force a reset process to occur. All internal registers
will re-initialize to their default states as specified for each bit in the Register Block
section. All strap options are re-initialized as well.
PWRDOWN_INT_A
I, PU
18
The default function of this pin is POWER DOWN.
PWRDOWN_INT_B
44
POWER DOWN: The pin is an active low input in this mode and should be
asserted low to put the device in a Power Down mode.
INTERRUPT: The pin is an open drain output in this mode and will be asserted low
when an interrupt condition occurs. Although the pin has a weak internal pull-up,
some applications may require an external pull-up resister. Register access is
required for the pin to be used as an interrupt mechanism. See Section 8.6.2 for
more details on the interrupt mechanisms.
3.9
STRAP OPTIONS
The DP83849IF uses many of the functional pins as strap options. The values of these pins are sampled
during reset and used to strap the device into specific modes of operation. The strap option pin
assignments are defined below. The functional pin name is indicated in parentheses.
A 2.2 k
Ω resistor should be used for pull-down or pull-up to change the default strap option. If the default
option is required, then there is no need for external pull-up or pull down resistors. Since these pins may
have alternate functions after reset is deasserted, they should not be connected directly to VCC or GND.
Signal Name
Type
Pin #
Description
PHYAD1 (RXD0_A)
S, O, PD
4
PHY ADDRESS [4:1]: The DP83849IF provides four PHY address pins, the state of
PHYAD2 (RXD1_A)
S, O, PD
5
which are latched into the PHYCTRL register at system Hardware-Reset. Phy
PHYAD3 (RXD0_B)
S, O, PD
58
Address[0] selects between ports A and B.
PHYAD4 (RXD1_B)
S, O, PD
57
The DP83849IF supports PHY Address strapping for Port A even values 0 (<0000_0>)
through 30 (<1111_0>). Port B will be strapped to odd values 1 (<0000_1>) through 31
(<1111_1>).
PHYAD[4:1] pins have weak internal pull-down resistors.
Copyright © 2009–2013, Texas Instruments Incorporated
Pin Descriptions
11
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com