công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 6Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 7Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 8Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 9Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 10Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 11Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 12Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 13Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Signal Name
Type
Pin #
Description
COL_A
O
3
MII COLLISION DETECT: Asserted high to indicate detection of a collision condition
COL_B
59
(simultaneous transmit and receive activity) in 10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this pin is also asserted for a
duration of approximately 1µs at the end of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this signal is always logic 0. There is no
heartbeat function during 10 Mb/s full duplex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL signal is required. The MAC will
recover CRS from the CRS_DV signal and use that along with its TX_EN signal to determine
collision.
SNI COLLISION DETECT: Asserted high to indicate detection of a collision condition
(simultaneous transmit and receive activity) in 10 Mb/s SNI mode.
3.5
CLOCK INTERFACE
Signal Name
Type
Pin #
Description
X1
I
70
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock reference input for the
DP83849IF and must be connected to a 25 MHz 0.005% (±50 ppm) clock source. The
DP83849IF supports either an external crystal resonator connected across pins X1 and X2, or
an external CMOS-level oscillator source connected to pin X1 only.
RMII REFERENCE CLOCK: This pin is the primary clock reference input for the RMII mode
and must be connected to a 50 MHz 0.005% (±50 ppm) CMOS-level oscillator source.
X2
O
69
CRYSTAL OUTPUT: This pin is the primary clock reference output to connect to an external
25 MHz crystal resonator device. This pin must be left unconnected if an external CMOS
oscillator clock source is used.
CLK2MAC
O
68
CLOCK TO MAC:
In MII mode, this pin provides a 25 MHz clock output to the system.
In RMII mode, this pin provides a 50 MHz clock output to the system.
This allows other devices to use the reference clock from the DP83849IF without requiring
additional clock sources.
If the system does not require the CLK2MAC signal, the CLK2MAC output should be disabled
via the CLK2MAC disable strap.
3.6
LED INTERFACE
The DP83849IF supports three configurable LED pins. The LEDs support two operational modes which
are selected by the LED mode strap and a third operational mode which is register configurable. The
definitions for the LEDs for each mode are detailed below. Since the LEDs are also used as strap options,
the polarity of the LED output is dependent on whether the pin is pulled up or down.
Signal Name
Type
Pin #
Description
LED_LINK_A
I/O
19
LINK LED: In Mode 1, this pin indicates the status of the LINK. The LED will be
LED_LINK_B
ON when Link is good.
43
LINK/ACT LED: In Mode 2 and Mode 3, this pin indicates transmit and receive
activity in addition to the status of the Link. The LED will be ON when Link is
good. It will blink when the transmitter or receiver is active.
LED_SPEED_A
I/O
20
SPEED LED: The LED is ON when device is in 100 Mb/s and OFF when in 10
Mb/s. Functionality of this LED is independent of mode selected.
LED_SPEED_B
42
LED_ACT/LED_COL_A
I/O
21
ACTIVITY LED: In Mode 1, this pin is the Activity LED which is ON when activity
LED_ACT/LED_COL_B
is present on either Transmit or Receive.
41
COLLISION/DUPLEX LED: In Mode 2, this pin by default indicates Collision
detection. For Mode 3, this LED output may be programmed to indicate Full-
duplex status instead of Collision.
10
Pin Descriptions
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com