công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 27Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 28Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 29Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 30Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 31Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 32Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 33Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 34Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
5
Configuration
This section includes information on the various configuration options available with the DP83849IF. The
configuration options described below include:
•
Media Configuration
•
Auto-Negotiation
•
PHY Address and LEDs
•
Half Duplex vs. Full Duplex
•
Isolate mode
•
Loopback mode
•
BIST
5.1
MEDIA CONFIGURATION
The DP83849IF supports both Twister Pair (100BASE-TX and 10BASE-T) and Fiber (100BASE-FX)
media. Each port may be independently configured for Twisted Pair (TP) or Fiber (FX) operation by strap
option or by register access.
At power-up/reset, the state of the COL_A and COL_B pins will select the media for ports A and B
respectively. The default selection is TP mode, while an external pull-up will select FX mode of operation.
Strapping a port into FX mode also automatically sets the Far-End Fault Enable, bit 3 of PCSR (16h), the
Scramble Bypass, bit 1 of PCSR (16h) and the Descrambler Bypass, bit 0 of PCSR (16h). In addition, the
media selection may be controlled by writing to bit 6, FX_EN, of PCSR (16h).
5.2
AUTO-NEGOTIATION
The Auto-Negotiation function provides a mechanism for exchanging configuration information between
two ends of a link segment and automatically selecting the highest performance mode of operation
supported by both devices. Fast Link Pulse (FLP) Bursts provide the signalling used to communicate
Auto-Negotiation abilities between two devices at each end of a link segment. For further detail regarding
Auto-Negotiation, refer to Clause 28 of the IEEE 802.3u specification. The DP83849IF supports four
different Ethernet protocols (10 Mb/s Half Duplex, 10 Mb/s Full Duplex, 100 Mb/s Half Duplex, and 100
Mb/s Full Duplex), so the inclusion of Auto-Negotiation ensures that the highest performance protocol will
be selected based on the advertised ability of the Link Partner. The Auto-Negotiation function within the
DP83849IF can be controlled either by internal register access or by the use of the AN_EN, AN1 and AN0
pins.
5.2.1
Auto-Negotiation Pin Control
The state of AN_EN, AN0 and AN1 determines whether the DP83849IF is forced into a specific mode or
Auto-Negotiation will advertise a specific ability (or set of abilities) as given in Table 5-1. These pins allow
configuration options to be selected without requiring internal register access.
The state of AN_EN, AN0 and AN1, upon power-up/reset, determines the state of bits [8:5] of the ANAR
register.
The Auto-Negotiation function selected at power-up or reset can be changed at any time by writing to the
Basic Mode Control Register (BMCR) at address 00h.
Copyright © 2009–2013, Texas Instruments Incorporated
Configuration
31
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com