công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 69 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 69 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 65Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 66Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 67Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 68Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
9
Reset Operation
The DP83849IF includes an internal power-on reset (POR) function and does not need to be explicitly
reset for normal operation after power up. If required during normal operation, the device can be reset by
a hardware or software reset.
9.1
HARDWARE RESET
A hardware reset is accomplished by applying a low pulse (TTL level), with a duration of at least 1 ms, to
the RESET_N pin. This will reset the device such that all registers will be reinitialized to default values and
the hardware configuration values will be re-latched into the device (similar to the power-up/reset
operation).
9.2
FULL SOFTWARE RESET
A full-chip software reset is accomplished by setting the reset bit (bit 15) of the Basic Mode Control
Register (BMCR). The period from the point in time when the reset bit is set to the point in time when
software reset has concluded is approximately 1 µs.
The software reset will reset the device such that all registers will be reset to default values and the
hardware configuration values will be maintained. Software driver code must wait 3 ms following a
software reset before allowing further serial MII operations with the DP83849IF.
9.3
SOFT RESET
A partial software reset can be initiated by setting the Soft Reset bit (bit 9) in the PHYCR2 Register.
Setting this bit will reset all transmit and receive operations, but will not reset the register space. All
register configurations will be preserved. Register space will remain available following a Soft Reset.
Copyright © 2009–2013, Texas Instruments Incorporated
Reset Operation
69
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com