công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 97 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 97 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 95Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 96Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 97Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 98Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 99Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 100Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.3.9
Link Quality Monitor Register (LQMR), Page 2, address 1Dh
This register contains the controls for the Link Quality Monitor function. The Link Quality Monitor provides
a mechanism for programming a set of thresholds for DSP parameters. If the thresholds are violated, an
interrupt will be asserted if enabled in the MISR. Monitor control and status are available in this register,
while the LQDR register controls read/write access to threshold values and current parameter values.
Reading of LQMR register clears warning bits and re-arms the interrupt generation. In addition, this
register provides a mechanims for allowing automatic reset of the 100Mb link based on the Link Quality
Monitor status.
Table 10-34. Link Quality Monitor Register (LQMR), address 1Dh
Bit
Bit Name
Default
Description
15
LQM_ENABLE
0, RW
Link Quality Monitor Enable:
Enables the Link Quality Monitor. The enable is qualified by having a valid 100Mb
link. In addition, the individual thresholds can be disabled by setting to the max or
min values.
14:10
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
9
FC_HI_WARN
0, RO/COR
Frequency Control High Warning:
This bit indicates the Frequency Control High Threshold was exceeded. This
register bit will be cleared on read.
8
FC_LO_WARN
0, RO/COR
Frequency Control Low Warning:
This bit indicates the Frequency Control Low Threshold was exceeded. This
register bit will be cleared on read.
7
FREQ_HI_WARN
0, RO/COR
Frequency Offset High Warning:
This bit indicates the Frequency Offset High Threshold was exceeded. This register
bit will be cleared on read.
6
FREQ_LO_WARN
0, RO/COR
Frequency Offset Low Warning:
This bit indicates the Frequency Offset Low Threshold was exceeded. This register
bit will be cleared on read.
5
DBLW_HI_WARN
0, RO/COR
DBLW High Warning:
This bit indicates the DBLW High Threshold was exceeded. This register bit will be
cleared on read.
4
DBLW_LO_WARN
0, RO/COR
DBLW Low Warning:
This bit indicates the DBLW Low Threshold was exceeded. This register bit will be
cleared on read.
3
DAGC_HI_WARN
0, RO/COR
DAGC High Warning:
This bit indicates the DAGC High Threshold was exceeded. This register bit will be
cleared on read.
2
DAGC_LO_WARN
0, RO/COR
DAGC Low Warning:
This bit indicates the DAGC Low Threshold was exceeded. This register bit will be
cleared on read.
1
C1_HI_WARN
0, RO/COR
C1 High Warning:
This bit indicates the DEQ C1 High Threshold was exceeded. This register bit will
be cleared on read.
0
C1_LO_WARN
0, RO/COR
C1 Low Warning:
This bit indicates the DEQ C1 Low Threshold was exceeded. This register bit will
be cleared on read.
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
97
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com