công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SAGNFAQ bảng dữ liệu(PDF) 28 Page - Cypress Semiconductor

tên linh kiện S25FL256SAGNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ bảng dữ liệu(HTML) 28 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 28Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 29Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 30Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 31Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 27 of 148
S25FL128S/S25FL256S
Notes:
1. Typical values are at TAI = 25°C and VCC = VIO = 3V.
2. Output switching current is not included.
4.5.1
Active Power and Standby Power Modes
The device is enabled and in the Active Power mode when Chip Select (CS#) is Low. When CS# is high, the device is disabled, but
may still be in an Active Power mode until all program, erase, and write operations have completed. The device then goes into the
Standby Power mode, and power consumption drops to ISB.
Table 8. DC Characteristics — Operating Temperature Range -40°C to +105°C and -40°C to +125°C
Symbol
Parameter
Test Conditions
Min
Typ
(1)
Max
Unit
VIL
Input Low Voltage
–0.5
0.2 x VIO
V
VIH
Input High Voltage
0.7
 VIO
VIO+0.4
V
VOL
Output Low Voltage
IOL = 1.6 mA, VCC = VCC min
0.15 x VIO
V
VOH
Output High Voltage
IOH = –0.1 mA
0.85
 VIO
V
ILI
Input Leakage
Current
VCC = VCC Max, VIN = VIH or VIL
±2
µA
ILO
Output Leakage
Current
VCC = VCC Max, VIN = VIH or VIL
±2
µA
ICC1
Active Power Supply
Current (READ)
Serial SDR@50 MHz
Serial SDR@133 MHz
Quad SDR@80 MHz
Quad SDR@104 MHz
Quad DDR@66 MHz
Quad DDR@80 MHz
Outputs unconnected during read data
return (2)
22
35
50
61
75
90
mA
ICC2
Active Power Supply
Current (Page
Program)
CS# = VIO
100
mA
ICC3
Active Power Supply
Current (WRR)
CS# = VIO
100
mA
ICC4
Active Power Supply
Current (SE)
CS# = VIO
100
mA
ICC5
Active Power Supply
Current (BE)
CS# = VIO
100
mA
ISB (Industrial)
Standby Current
RESET#, CS# = VIO; SI, SCK = VIO or
VSS, Industrial Temp
70
100
µA
ISB (Industrial Plus) Standby Current
RESET#, CS# = VIO; SI, SCK = VIO or
VSS, Industrial Plus Temp
70
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com