| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S25FL256SAGNFAQ bảng dữ liệu(PDF) 67 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL256SAGNFAQ bảng dữ liệu(HTML) 67 Page - Cypress Semiconductor |
|
67 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 66 of 148 S25FL128S/S25FL256S 2. For backward compatibility to the 3-byte address instructions, the standard instructions can be used in conjunction with the EXTADD Bit in the Bank Address Register (BAR[7]). By default BAR[7] is cleared to 0 (following power up and hardware reset), to enable 3-byte (24-bit) addressing. When set to 1, the legacy commands are changed to require 4 bytes (32 bits) for the address field. The following instructions can be used in conjunction with EXTADD bit to switch from 3 bytes to 4 bytes of address field. 3. For backward compatibility to the 3-byte addressing, the standard instructions can be used in conjunction with the Bank Address Register: a. The Bank Address Register is used to switch between 128-Mbit (16-Mbyte) banks of memory, The standard 3-byte address selects an address within the bank selected by the Bank Address Register. i. The host system writes the Bank Address Register to access beyond the first 128 Mbits of memory. ii. This applies to read, erase, and program commands. b. The Bank Register provides the high order (4th) byte of address, which is used to address the available memory at addresses greater than 16 Mbytes. c. Bank Register bits are volatile. i. On power up, the default is Bank0 (the lowest address 16 Mbytes). d. For Read, the device will continuously transfer out data until the end of the array. i. There is no bank to bank delay. ii. The Bank Address Register is not updated. iii. The Bank Address Register value is used only for the initial address of an access. Instruction Name Description Code (Hex) READ Read (3-byte Address) 03 FAST_READ Read Fast (3-byte Address) 0B DOR Read Dual Out (3-byte Address) 3B QOR Read Quad Out (3-byte Address) 6B DIOR Dual I/O Read (3-byte Address) BB QIOR Quad I/O Read (3-byte Address) EB DDRFR Read DDR Fast (3-byte Address) 0D DDRDIOR DDR Dual I/O Read (3-byte Address) BD DDRQIOR DDR Quad I/O Read (3-byte Address) ED PP Page Program (3-byte Address) 02 QPP Quad Page Program (3-byte Address) 32 P4E Parameter 4-kB Erase (3-byte Address) 20 SE Erase 64 / 256 kB (3-byte Address) D8 Table 44. Bank Address Map Bank Address Register Bits Bank Memory Array Address Range (Hex) Bit 1 Bit 0 0 0 0 00000000 00FFFFFF 0 1 1 01000000 01FFFFFF |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |