công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SAGNFAQ bảng dữ liệu(PDF) 10 Page - Cypress Semiconductor

tên linh kiện S25FL256SAGNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ bảng dữ liệu(HTML) 10 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 6Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 12Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 13Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 9 of 148
S25FL128S/S25FL256S
2.2
Address and Data Configuration
Traditional SPI single bit wide commands (Single or SIO) send information from the host to the memory only on the SI signal. Data
may be sent back to the host serially on the Serial Output (SO) signal.
Dual or Quad Output commands send information from the host to the memory only on the SI signal. Data will be returned to the
host as a sequence of bit pairs on IO0 and IO1 or four bit (nibble) groups on IO0, IO1, IO2, and IO3.
Dual or Quad Input/Output (I/O) commands send information from the host to the memory as bit pairs on IO0 and IO1 or four bit
(nibble) groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or four bit (nibble) groups
on IO0, IO1, IO2, and IO3.
2.3
RESET#
The RESET# input provides a hardware method of resetting the device to standby state, ready for receiving a command. When
RESET# is driven to logic low (VIL) for at least a period of tRP, the device:
terminates any operation in progress,
tristates all outputs,
resets the volatile bits in the Configuration Register,
resets the volatile bits in the Status Registers,
resets the Bank Address Register to zero,
loads the Program Buffer with all ones,
reloads all internal configuration information necessary to bring the device to standby mode,
and resets the internal Control Unit to standby state.
RESET# causes the same initialization process as is performed when power comes up and requires tPU time.
RESET# may be asserted low at any time. To ensure data integrity any operation that was interrupted by a hardware reset should
be reinitiated once the device is ready to accept a command sequence.
When RESET# is first asserted Low, the device draws ICC1 (50 MHz value) during tPU. If RESET# continues to be held at VSS the
device draws CMOS standby current (ISB).
RESET# has an internal pull-up resistor and may be left unconnected in the host system if not used.
The RESET# input is not available on all packages options. When not available the RESET# input of the device is tied to the inactive
state, inside the package.
2.4
Serial Clock (SCK)
This input signal provides the synchronization reference for the SPI interface. Instructions, addresses, or data input are latched on
the rising edge of the SCK signal. Data output changes after the falling edge of SCK, in SDR commands, and after every edge in
DDR commands.
2.5
Chip Select (CS#)
The chip select signal indicates when a command for the device is in process and the other signals are relevant for the memory
device. When the CS# signal is at the logic high state, the device is not selected and all input signals are ignored and all output
signals are high impedance. Unless an internal Program, Erase or Write Registers (WRR) embedded operation is in progress, the
device will be in the Standby Power mode. Driving the CS# input to logic low state enables the device, placing it in the Active Power
mode. After Power-up, a falling edge on CS# is required prior to the start of any command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com