công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SAGNFAQ bảng dữ liệu(PDF) 55 Page - Cypress Semiconductor

tên linh kiện S25FL256SAGNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ bảng dữ liệu(HTML) 55 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 51Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 52Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 53Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 54Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 55Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 56Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 57Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 58Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 54 of 148
S25FL128S/S25FL256S
7.5.5
Bank Address Register
Related Commands: Bank Register Access (BRAC B9h), Write Register (WRR 01h), Bank Register Read (BRRD 16h) and Bank
Register Write (BRWR 17h).
The Bank Address register supplies additional high order bits of the main flash array byte boundary address for legacy commands
that supply only the low order 24 bits of address. The Bank Address is used as the high bits of address (above A23) for all 3-byte
address commands when EXTADD=0. The Bank Address is not used when EXTADD = 1 and traditional 3-byte address commands
are instead required to provide all four bytes of address.
Extended Address (EXTADD) BAR[7]: EXTADD controls the address field size for legacy SPI commands. By default (power up
reset, hardware reset, and software reset), it is cleared to 0 for 3 bytes (24 bits) of address. When set to 1, the legacy commands will
require 4 bytes (32 bits) for the address field. This is a volatile bit.
7.5.6
ECC Status Register (ECCSR)
Related Commands: ECC Read (ECCRD 18h). ECCSR does not have user programmable non-volatile bits. All defined bits are
volatile read only status. The default state of these bits are set by hardware. See Section 9.5.1.1 Automatic ECC on page 100.
The status of ECC in each ECC unit is provided by the 8-bit ECC Status Register (ECCSR). The ECC Register Read command is
written followed by an ECC unit address. The contents of the status register then indicates, for the selected ECC unit, whether there
is an error in the ECC unit eight bit error correction code, the ECC unit of 16 Bytes of data, or that ECC is disabled for that ECC unit.
ECCSR[2] = 1 indicates an error was corrected in the ECC. ECCSR[1] = 1 indicates an error was corrected in the ECC unit data.
ECCSR[0] = 1 indicates the ECC is disabled. The default state of “0” for all these bits indicates no failures and ECC is enabled.
ECCSR[7:3] are reserved. These have undefined high or low values that can change from one ECC status read to another. These
bits should be treated as “don’t care” and ignored by any software reading status.
Table 32. Bank Address Register (BAR)
Bits
Field Name
Function
Type
Default State
Description
7
EXTADD
Extended Address
Enable
Volatile
0b
1 = 4-byte (32-bits) addressing required from command.
0 = 3-byte (24-bits) addressing from command + Bank
Address
6 to 1
RFU
Reserved
Volatile
00000b
Reserved for Future Use
0
BA24
Bank Address
Volatile
0
A24 for 256-Mbit device, RFU for lower density device
Table 33. ECC Status Register (ECCSR)
Bits
Field Name
Function
Type
Default
State
Description
7 to 3
RFU
Reserved
0
Reserved for Future Use
2
EECC
Error in ECC
Volatile, Read only
0
1 = Single Bit Error found in the ECC unit eight
bit error correction code
0 = No error.
1
EECCD
Error in ECC unit
data
Volatile, Read only
0
1 = Single Bit Error corrected in ECC unit
data.
0 = No error.
0
ECCDI
ECC Disabled
Volatile, Read only
0
1 = ECC is disabled in the selected ECC unit.
0 = ECC is enabled in the selected ECC unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com