công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SAGNFAQ bảng dữ liệu(PDF) 91 Page - Cypress Semiconductor

tên linh kiện S25FL256SAGNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ bảng dữ liệu(HTML) 91 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 87Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 88Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 89Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 90Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 91Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 92Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 93Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 94Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 90 of 148
S25FL128S/S25FL256S
During any operation, if CS# toggles high to low to high for eight cycles (or less) and data input (IO0 and IO1) are not set for a valid
instruction sequence, then the device will be released from Dual I/O Enhanced High Performance Read mode. Note that the four
mode bit cycles are part of the device’s internal circuitry latency time to access the initial address after the last address cycle that is
clocked into IO0 (SI) and IO1 (SO).
It is important that the I/O signals be set to high-impedance at or before the falling edge of the first data out clock. At higher clock
speeds the time available to turn off the host outputs before the memory device begins to drive (bus turn around) is diminished. It is
allowed and may be helpful in preventing I/O signal contention, for the host system to turn off the I/O signal outputs (make them high
impedance) during the last two “don’t care” mode cycles or during any dummy cycles.
Following the latency period the memory content, at the address given, is shifted out two bits at a time through IO0 (SI) and IO1
(SO). Two bits are shifted out at the SCK frequency at the falling edge of SCK signal.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate.
Figure 62. Dual I/O Read Command Sequence (3-byte Address, BBh [ExtAdd=0], HPLC=00b)
Figure 9.16 Dual I/O Read Command Sequence (4-byte Address, BBh [ExtAdd=1], HPLC=10b)
Figure 9.17 Dual I/O Read Command Sequence (4-byte Address, BCh or BBh [ExtAdd=1], EHPLC=10b)
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
22 20 18
0
6
4
2
0
6
4
2
0
23 21 19
1
7
5
3
1
7
5
3
1
Instruction
Address
4 Dummy
Data 1
Data 2
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
30 28 26
0
6
4
2
0
6
4
2
0
31 29 27
1
7
5
3
1
7
5
3
1
Instruction
Address
6 Dummy
Data 1
Data 2
0
1
2
3
4
5
6
7
8
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Instruction
32 Bit Address
Mode
Dummy
Data 1
Data 2
8 cycles
16 cycles
4 cycles
2 cycles
4 cycles
7
6
5
4
3
2
1
0
30
2
0
6
4
2
0
6
4
2
0
6
4
2
31
3
1
7
5
3
1
7
5
3
1
7
5
3
CS#
SCK
IO0
IO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com