công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SAGNFAQ bảng dữ liệu(PDF) 64 Page - Cypress Semiconductor

tên linh kiện S25FL256SAGNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ bảng dữ liệu(HTML) 64 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 60Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 61Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 62Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 63Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 64Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 65Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 66Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 63 of 148
S25FL128S/S25FL256S
8.4.6
Persistent Protection Mode
The Persistent Protection method sets the PPB Lock bit to 1 during POR or Hardware Reset so that the PPB bits are unprotected by
a device hardware reset. Software reset does not affect the PPB Lock bit. The PLBWR command can clear the PPB Lock bit to 0 to
protect the PPB. There is no command to set the PPB Lock bit therefore the PPB Lock bit will remain at 0 until the next power-off or
hardware reset.
8.4.7
Password Protection Mode
Password Protection Mode allows an even higher level of security than the Persistent Sector Protection Mode, by requiring a 64-bit
password for unlocking the PPB Lock bit. In addition to this password requirement, after power up and hardware reset, the PPB Lock
bit is cleared to 0 to ensure protection at power-up. Successful execution of the Password Unlock command by entering the entire
password clears the PPB Lock bit, allowing for sector PPB modifications.
Password Protection Notes:
Once the Password is programmed and verified, the Password Mode (ASPR[2]=0) must be set in order to prevent reading the
password.
The Password Program Command is only capable of programming ‘0’s. Programming a 1 after a cell is programmed as a 0
results in the cell left as a 0 with no programming error set.
The password is all 1’s when shipped from Cypress. It is located in its own memory space and is accessible through the use of the
Password Program and Password Read commands.
All 64-bit password combinations are valid as a password.
The Password Mode, once programmed, prevents reading the 64-bit password and further password programming. All further
program and read commands to the password region are disabled and these commands are ignored. There is no means to verify
what the password is after the Password Mode Lock Bit is selected. Password verification is only allowed before selecting the
Password Protection mode.
The Protection Mode Lock Bits are not erasable.
The exact password must be entered in order for the unlocking function to occur. If the password unlock command provided
password does not match the hidden internal password, the unlock operation fails in the same manner as a programming
operation on a protected sector. The P_ERR bit is set to one and the WIP Bit remains set. In this case it is a failure to change the
state of the PPB Lock bit because it is still protected by the lack of a valid password.
The Password Unlock command cannot be accepted any faster than once every 100 µs ± 20 µs. This makes it take an
unreasonably long time (58 million years) for a hacker to run through all the 64-bit combinations in an attempt to correctly match a
password. The Read Status Register 1 command may be used to read the WIP bit to determine when the device has completed
the password unlock command or is ready to accept a new password command. When a valid password is provided the password
unlock command does not insert the 100 µs delay before returning the WIP bit to zero.
If the password is lost after selecting the Password Mode, there is no way to set the PPB Lock bit.
ECC status may only be read from sectors that are readable. In read protection mode the addresses are forced to the boot sector
address. ECC status is shown in that sector while read protection mode is active.
Table 43. Sector Protection States
Protection Bit Values
Sector State
PPB Lock
PPB
DYB
1
1
1
Unprotected – PPB and DYB are changeable
1
1
0
Protected – PPB and DYB are changeable
1
0
1
Protected – PPB and DYB are changeable
1
0
0
Protected – PPB and DYB are changeable
0
1
1
Unprotected – PPB not changeable, DYB is changeable
0
1
0
Protected – PPB not changeable, DYB is changeable
0
0
1
Protected – PPB not changeable, DYB is changeable
0
0
0
Protected – PPB not changeable, DYB is changeable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com