| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05PL4B bảng dữ liệu(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05PL4B bảng dữ liệu(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 98 page ![]() April 30, 1998 GENERAL RELEASE SPECIFICATION MC68HC05PL4 MEMORY REV 2.0 2-1 SECTION 2 MEMORY This section describes the organization of the memory on the MC68HC05PL4. 2.1 MEMORY MAP The CPU can address 8k-bytes of memory space as shown in Figure 2-1. The ROM portion of the memory holds the program instructions, xed data, user de ned v ectors, and interrupt service routines. The RAM portion of memory holds variable data. I/O registers are memory mapped so that the CPU can access their locations in the same way that it accesses all other memory locations. Figure 2-1. MC68HC05PL4 Memory Map I/O REGISTERS 32 BYTES USER RAM 256 BYTES UNUSED USER ROM 4096 BYTES SELF-CHECK ROM 496 BYTES $0000 $001F $0020 $011F $0120 $0DFF $0E00 $1DFF $1E00 $1FEF $1FFF $1FF0 $00C0 $00FF STACK 64 BYTES USER VECTORS 16 BYTES RESERVED RESERVED KEYBOARD 8-BIT TIMER 16-BIT TIMER IRQ SWI RESET $1FF0-$1FF1 $1FF2-$1FF3 $1FF4-$1FF5 $1FF6-$1FF7 $1FF8-$1FF9 $1FFA-$1FFB $1FFC-$1FFD $1FFE-$1FFF Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |