công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCM340C01 bảng dữ liệu(PDF) 16 Page - Toshiba Semiconductor

tên linh kiện DCM340C01
Giải thích chi tiết về linh kiện  Quad - channel High speed Logic for Automotive equipment, Default Low output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCM340C01 bảng dữ liệu(HTML) 16 Page - Toshiba Semiconductor

Back Button DCM340C01 Datasheet HTML 9Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 10Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 11Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 12Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 13Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 14Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 15Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 16Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DCM340C01
2025-03-18
Rev.1.2
16
© 2024-2025
Toshiba Electronic Devices & Storage Corporation
Land Pattern Dimensions for Reference only
16pin SOIC Wide body
( P-SOP16-0811-1.27-002 )
Unit: mm
Figure 14.2 Land Pattern Dimensions for Reference only
Notes.
・
Unless otherwise indicated, dimensions are given in millimeters.
・
This document is a reference drawing in accordance with JEITA ET-7501 Level 3. The Company does not
guarantee the accuracy or completeness of the diagrams and information.
・
The customer should fully evaluate the various conditions (soldering conditions, etc.) and adjust at their
own risk.
・
The diagrams in this document do not accurately show the actual shape and dimensions. Do not use the
dimensions of the actual product as a basis for designing the product.
・
When designing and using the product, check the latest information on the product and the operating
instructions of the equipment in which the product is to be used, and follow these instructions.
Isolation option
Creepage distance: ≥ 8mm
Complies with JEITA ET-7501
Level 3 Normal
Creepage distance: 7.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com