công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCM340C01 bảng dữ liệu(PDF) 11 Page - Toshiba Semiconductor

tên linh kiện DCM340C01
Giải thích chi tiết về linh kiện  Quad - channel High speed Logic for Automotive equipment, Default Low output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCM340C01 bảng dữ liệu(HTML) 11 Page - Toshiba Semiconductor

Back Button DCM340C01 Datasheet HTML 7Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 8Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 9Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 10Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 11Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 12Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 13Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 14Page - Toshiba Semiconductor DCM340C01 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DCM340C01
2025-03-18
Rev.1.2
11
© 2024-2025
Toshiba Electronic Devices & Storage Corporation
Switching Characteristics – 3.3 V Supply
Table 11.5 Switching Characteristics – 3.3 V Supply
(VDD1 = VDD2 = 3.0 V to 3.6 V over recommended operating conditions unless otherwise noted)
Characteristics
Symbol
Test condition
Min
Typ
Max
Unit
Data Rate
tbps
—
DC
—
50
Mbps
Propagation Delay
tPHL ,
tPLH
50 kHz, Duty = 50 %,
CL = 15 pF
—
11.6
19.2
ns
Pulse Width Distortion
PWD
|tPHL – tPLH|
—
0.8
5.1
ns
Propagation Delay Skew
(Between any two units)
tPSK
(Note1)
—
—
13.0
ns
Channel
Matching
Codirectional
tskCD
—
—
—
4.4
ns
Output signal
rise time
tr
10% to 90%
—
0.9
—
ns
Output signal
fall time
tf
90% to 10%
—
0.9
—
ns
Common-Mode
Transient Immunity
CMTI
VI= VDDI or 0 V, VCM = 1500 V
—
100
—
kV/µs
Note1: The Propagation delay skew, tPSK , is equal to the magnitude of the difference in
propagation delay.
That will be seen between units at the same given conditions (supply voltage, input
current, temperature, etc.).
Supply Current Characteristics – 3.3 V Supply
Table 11.6 Supply Current Characteristics – 3.3 V Supply
(VDD1 = VDD2 = 3.0 V to 3.6 V over recommended operating conditions unless otherwise noted)
Characteristics
Symbol
Test condition
Min
Typ
Max
Unit
DC Supply Current
Primary side
IDDQ1(0)5
VI = Low
—
2.0
2.9
mA
IDDQ1(1)5
VI = High
—
19.4
27.7
Secondary side
IDDQ2(0)5
VI = Low
—
4.9
7.1
mA
IDDQ2(1)5
VI = High
—
5.2
7.4
Supply
Current
(AC signal)
tbps =
1 Mbps
Primary side
IDD1(1)5
fCLK = 500 kHz, Duty = 50 %
square wave, CL = 15 pF
—
11.0
16.7
mA
Secondary side
IDD2(1)5
—
5.2
7.8
tbps =
25 Mbps
Primary side
IDD1(25)5
fCLK = 12.5 MHz, Duty = 50 %
square wave, CL = 15 pF
—
10.6
16.0
mA
Secondary side
IDD2(25)5
—
8.2
12.4
tbps =
50 Mbps
Primary side
IDD1(50)5
fCLK = 25 MHz, Duty = 50 %
square wave, CL = 15 pF
—
10.9
16.2
mA
Secondary side
IDD2(50)5
—
11.0
18.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com