công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7124-8BBCPZ bảng dữ liệu(PDF) 88 Page - Analog Devices

tên linh kiện AD7124-8BBCPZ
Giải thích chi tiết về linh kiện  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BBCPZ bảng dữ liệu(HTML) 88 Page - Analog Devices

Back Button AD7124-8BBCPZ Datasheet HTML 84Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 85Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 86Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 87Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 88Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 89Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 90Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 91Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
Data Sheet
AD7124-8
ON-CHIP REGISTERS
analog.com
Rev. F | 88 of 95
Table 72. ERROR_EN Register Bit Descriptions (Continued)
Bits
Bit Name
Description
8
ALDO_PSM_TRIP_TEST_EN
Checks the test mechanism that monitors the analog LDO. When this bit is set, the input to the test circuit is tied to AVSS
instead of the LDO output. Set the ALDO_PSM_ERR bit in the error register.
7
ALDO_PSM_ERR_EN
When this bit is set, the analog LDO voltage is continuously monitored. The ALDO_PSM_ERR bit in the error register is set
if the voltage being output from the analog LDO is outside specification.
6
SPI_IGNORE_ERR_EN
During power-on reset and calibrations, the on-chip registers cannot be written to. User write instructions are ignored by
the ADC. Set this bit so that the SPI_IGNORE_ERR bit in the error register informs the user when write operations are
ignored.
5
SPI_SCLK_CNT_ERR_EN
When this bit is set, the SCLK counter is enabled. All read and write operations to the ADC are multiples of eight bits.
For every serial communication, the SCLK counter counts the number of SCLK pulses. CS must be used to frame each
read and write operation. If the number of SCLK pulses used during a communication is not a multiple of eight, the
SPI_SCLK_CNT_ERR bit in the error register is set. For example, a glitch on the SCLK pin during a read or write operation
can be interpreted as an SCLK pulse. In this case, the SPI_SCLK_CNT_ERR bit is set as there is an excessive number of
SCLK pulses detected. CS_EN in the ADC_CONTROL register must be set to 1 when the SCLK counter function is being
used.
4
SPI_READ_ERR_EN
When this bit is set, the SPI_READ_ERR bit in the error register is set when an error occurs during a read operation. An
error occurs if the user attempts to read from invalid addresses.CS_EN in the ADC_CONTROL register must be set to 1
when the SPI read check function is being used.
3
SPI_WRITE_ERR_EN
When this bit is set, the SPI_WRITE_ERR bit in the error register is set when an error occurs during a write operation. An
error occurs if the user attempts to write to invalid addresses or write to read-only registers. CS_EN in the ADC_CONTROL
register must be set to 1 when the SPI write check function is being used.
2
SPI_CRC_ERR_EN
This bit enables a CRC check of all read and write operations. The SPI_CRC_ERR bit in the error register is set if the CRC
check fails. In addition, an 8-bit CRC word is appended to all data read from the AD7124-8.
1
MM_CRC_ERR_EN
When this bit is set, a CRC calculation is performed on the memory map each time that the registers are written to.
Following this, periodic CRC checks are performed on the on-chip registers. If the register contents have changed, the
MM_CRC_ERR bit is set.
0
ROM_CRC_ERR_EN
When this bit is set, a CRC calculation is performed on the ROM contents on power-on. If the ROM contents have
changed, the ROM_CRC_ERR bit is set.
MCLK_COUNT REGISTER
RS[5:0] = 0, 0, 1, 0, 0, 0
Power-On/Reset = 0x00
The master clock frequency can be monitored using this register.
Table 73 outlines the bit designations for the register. Bit 7 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCLK_COUNT (0)
Table 73. MCLK_COUNT Register Bit Descriptions
Bits
Bit Name
Description
7:0
MCLK_COUNT
This register allows the user to determine the frequency of the internal/external oscillator. Internally, a clock counter increments every 131
pulses of the sampling clock (614.4 kHz in full power mode, 153.6 kHz in mid power mode, and 768 kHz in low power mode). The 8-bit counter
wraps around on reaching its maximum value. The counter output is read back via this register.
Note that the incrementation of the register is asynchronous to the register read. If a register read coincides with the register incrementation, it
is possible to read an invalid value. To prevent this, read the register four times rather than once, then read the register four times again at a
later point. By reading four values, it is possible to identify the correct register value at the start and at the end of the timing instants.
CHANNEL REGISTERS
RS[5:0] = 0, 0, 1, 0, 0, 1 to 0, 1, 1, 0, 0, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com