công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7124-8BBCPZ bảng dữ liệu(PDF) 43 Page - Analog Devices

tên linh kiện AD7124-8BBCPZ
Giải thích chi tiết về linh kiện  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BBCPZ bảng dữ liệu(HTML) 43 Page - Analog Devices

Back Button AD7124-8BBCPZ Datasheet HTML 39Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 40Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 41Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 42Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 43Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 44Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 45Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 46Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
Data Sheet
AD7124-8
GETTING STARTED
analog.com
Rev. F | 43 of 95
ADC Control Register
The ADC control register configures the core peripherals for use
by the AD7124-8 and the mode for the digital interface. The power
mode (full power, mid power, or low power) is selected via this
register. Also, the mode of operation is selected, for example,
continuous conversion or single conversion. The user can also
select the standby and power-down modes, as well as any of
the calibration modes. In addition, this register contains the clock
source select bits and the internal reference enable bits. The refer-
ence select bits are contained in the setup configuration registers
(see the ADC Setups section for more information).
The digital interface operation is also selected via the ADC control
register. This register allows the user to enable the data plus status
read and continuous read mode. For more details, see the Digital
Interface section. The details of this register are shown in Table 48.
Table 45. Error Register
Reg.
Name Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x06
Error
[23:16]
0
LDO_CAP_
ADC_CAL_
ADC_CONV_ ADC_SAT_
0x000000 R
ERR
ERR
ERR
ERR
[15:8]
AINP_OV_
AINP_UV_
AINM_OV_ AINM_
REF_DET_
0
DLDO_PSM_ 0
ERR
ERR
ERR
UV_ ERR
ERR
ERR
[7:0]
ALDO_PSM_ SPI_IGNORE SPI_SCLK_ SPI_
SPI_WRITE_
SPI_CRC_
MM_CRC_
ROM_CRC_
ERR
_ERR
CNT_ERR
READ_
ERR
ERR
ERR
ERR
ERR
Table 46. Error Enable Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x07
ERROR_
EN
[23:16]
0
MCLK_CNT_
EN
LDO_CAP_
CHK_TEST_
EN
LDO_CAP_CHK
ADC_CAL_
ERR_EN
ADC_CONV_
ERR_EN
ADC_SAT_
ERR_EN
0x000040 RW
[15:8]
AINP_OV_
ERR_EN
AINP_UV_
ERR_EN
AINM_OV_
ERR_EN
AINM_UV
_ERR_EN
REF_DET_
ERR_EN
DLDO_PSM_
TRIP_TEST_
EN
DLDO_PSM_
ERR_EN
ALDO_PSM_
TRIP_TEST_
EN
[7:0]
ALDO_
SPI_
SPI_SCLK_
SPI_
SPI_
SPI_CRC_
MM_CRC_
ROM_CRC_
PSM_
IGNORE_
CNT_ERR_
READ_
WRITE_
ERR_EN
ERR_EN
ERR_EN
ERR_EN
ERR_EN
EN
ERR_EN
ERR_EN
Table 47. MCLK Count Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x08
MCLK_COUNT
[7:0]
MCLK_COUNT
0x00
R
Table 48. ADC Control Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01
ADC_CONTROL
[15:8]
0
DOUT_RDY_DEL
CONT_READ DATA_STATUS
CS_EN
REF_EN 0x0000
RW
[7:0]
POWER_MODE
Mode
CLK_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com