công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7124-8BBCPZ bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện AD7124-8BBCPZ
Giải thích chi tiết về linh kiện  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BBCPZ bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button AD7124-8BBCPZ Datasheet HTML 24Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 25Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 26Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 27Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 28Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 29Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 30Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 31Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
Data Sheet
AD7124-8
RMS NOISE AND RESOLUTION
analog.com
Rev. F | 28 of 95
Table 8 through Table 37 show the rms noise, peak-to-peak noise,
effective resolution, and noise-free (peak-to-peak) resolution of the
AD7124-8 for various output data rates, gain settings, and filters.
The numbers given are for the bipolar input range with an external
2.5 V reference. These numbers are typical and are generated with
a differential input voltage of 0 V when the ADC is continuously
converting on a single channel. It is important to note that the
effective resolution is calculated using the rms noise, whereas the
peak-to-peak resolution (shown in parentheses) is calculated based
on peak-to-peak noise (shown in parentheses). The peak-to-peak
resolution represents the resolution for which there is no code
flicker.
Effective Resolution = Log2(Input Range/RMS Noise)
Peak-to-Peak Resolution = Log2(Input Range/Peak-to-Peak Noise)
FULL POWER MODE
Sinc4
Table 8. RMS Noise (Peak-to-Peak Noise) vs. Gain and Output Data Rate (µV), Full Power Mode
Filter
Word
(Dec.)
Output
Data
Rate
(SPS)
Output Data
Rate (Zero
Latency Mode)
(SPS)
f3dB
(Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Gain = 64
Gain = 128
2047
9.4
2.34
2.16
0.24 (1.5)
0.15 (0.89)
0.091 (0.6)
0.071 (0.41)
0.045 (0.26)
0.031 (0.17)
0.025 (0.15)
0.023 (0.14)
1920
10
2.5
2.3
0.23 (1.5)
0.14 (0.89)
0.094 (0.6)
0.076 (0.42)
0.048 (0.27)
0.03 (0.19)
0.025 (0.16)
0.025 (0.15)
960
20
5
4.6
0.31 (2.1)
0.22 (1.3)
0.13 (0.89)
0.1 (0.6)
0.069 (0.41)
0.044 (0.26)
0.035 (0.22)
0.034 (0.22)
480
40
10
9.2
0.42 (3)
0.3 (2.1)
0.19 (1.4)
0.14 (0.97)
0.09 (0.63)
0.063 (0.39)
0.053 (0.34)
0.043 (0.27)
384
50
12.5
11.5
0.48 (3.2)
0.33 (2.1)
0.2 (1.3)
0.16 (1.1)
0.1 (0.75)
0.068 (0.43)
0.059 (0.42)
0.048 (0.28)
320
60
15
13.8
0.51 (3.3)
0.35 (2.4)
0.23 (1.3)
0.17 (1.2)
0.11 (0.78)
0.077 (0.5)
0.064 (0.41)
0.056 (0.35)
240
80
20
18.4
0.6 (4.8)
0.41 (3)
0.28 (1.8)
0.19 (1.3)
0.13 (0.86)
0.09 (0.54)
0.072 (0.48)
0.063 (0.45)
120
160
40
36.8
0.86 (6.9)
0.55 (4.1)
0.37 (2.5)
0.29 (2)
0.2 (1.2)
0.13 (0.84)
0.11 (0.7)
0.098 (0.6)
60
320
80
73.6
1.2 (8.9)
0.76 (6.1)
0.53 (4.1)
0.4 (2.7)
0.26 (1.8)
0.18 (1.2)
0.15 (0.95)
0.14 (0.86)
30
640
160
147.2
1.7 (13)
1.1 (8.8)
0.74 (5.7)
0.57 (4.1)
0.38 (2.9)
0.26 (2)
0.22 (1.6)
0.19 (1.4)
15
1280
320
294.4
2.4 (19)
1.6 (13)
1.1 (8.4)
0.82 (6)
0.55 (4)
0.38 (2.5)
0.3 (2.3)
0.26 (1.8)
8
2400
600
552
3.3 (25)
2.3 (16)
1.5 (12)
1.2 (8)
0.76 (6)
0.53 (4)
0.43 (3.2)
0.37 (2.7)
4
4800
1200
1104
4.9 (38)
3.4 (25)
2.4 (20)
2 (13)
1.3 (9.1)
0.83 (6.4)
0.68 (4.8)
0.58 (4.3)
2
9600
2400
2208
8.8 (76)
6.8 (61)
4.9 (34)
4.3 (27)
2.6 (21)
1.7 (13)
1.3 (12)
1.2 (9.4)
1
19,200
4800
4416
72 (500)
38 (270)
21 (150)
13 (95)
7.5 (57)
4.4 (33)
3.3 (26)
2.8 (23)
Table 9. Effective Resolution (Peak-to-Peak Resolution) vs. Gain and Output Data Rate (Bits), Full Power Mode
Filter
Word
(Dec.)
Output Data
Rate (SPS)
Output Data Rate
(Zero Latency Mode)
(SPS)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Gain = 64
Gain = 128
2047
9.4
2.34
24 (21.7)
24 (21.4)
23.7 (21)
23.1 (20.5)
22.7 (20.2)
22.3 (19.8)
21.6 (19)
20.7 (18.1)
1920
10
2.5
24 (21.7)
24 (21.4)
23.7 (21)
23 (20.5)
22.6 (20.1)
22.3 (19.7)
21.6 (19)
20.7 (18.1)
960
20
5
23.9 (21.2)
23.5 (20.8)
23.2 (20.4)
22.5 (20)
22.1 (19.5)
21.8 (19.2)
21.1 (18.4)
20.1 (17.4)
480
40
10
23.5 (20.7)
23 (20.3)
22.6 (19.8)
22.1 (19.3)
21.7 (18.9)
21.2 (18.6)
20.5 (17.8)
19.8 (17.1)
384
50
12.5
23.3 (20.5)
22.9 (20.2)
22.5 (19.6)
21.9 (19.1)
21.5 (18.7)
21.1 (18.5)
20.4 (17.7)
19.6 (17)
320
60
15
23.2 (20.3)
22.8 (20)
22.4 (19.5)
21.8 (19)
21.4 (18.6)
21 (18.3)
20.2 (17.6)
19.4 (16.6)
240
80
20
23 (20)
22.6 (19.7)
22.1 (19.3)
21.6 (18.9)
21.2 (18.5)
20.7 (18.1)
20 (17.3)
19.2 (16.4)
120
160
40
22.5 (19.5)
22.1 (19.2)
21.7 (18.9)
21 (18.3)
20.6 (18)
20.1 (17.5)
19.5 (16.9)
18.6 (16)
60
320
80
22 (19.1)
21.6 (18.6)
21.2 (18.2)
20.6 (17.8)
20.2 (17.4)
19.7 (17)
19 (16.3)
18.1 (15.5)
30
640
160
21.5 (18.5)
21.1 (18.1)
20.7 (17.7)
20.1 (17.2)
19.7 (16.8)
19.2 (16.3)
18.5 (15.6)
17.6 (14.8)
15
1280
320
21 (18)
20.5 (17.6)
20.2 (17.2)
19.5 (16.7)
19.1 (16.3)
18.7 (15.9)
18 (15.1)
17.2 (14.4)
8
2400
600
20.5 (17.5)
20.1 (17.2)
19.7 (16.7)
19 (16.2)
18.6 (15.7)
18.2 (15.3)
17.5 (14.6)
16.7 (13.8)
4
4800
1200
20 (17)
19.5 (16.5)
19 (16)
18.3 (15.6)
17.9 (15.1)
17.5 (14.6)
16.8 (14)
16 (13.2)
2
9600
2400
19.1 (16)
18.5 (15.3)
18 (15.1)
17.2 (14.5)
16.9 (13.9)
16.5 (13.5)
15.9 (12.7)
15 (12)
1
19,200
4800
16.1 (13.3)
16 (13.2)
15.9 (13)
15.5 (12.7)
15.4 (12.4)
15.1 (12.2)
14.6 (11.5)
13.8 (10.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com