công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7124-8BBCPZ bảng dữ liệu(PDF) 48 Page - Analog Devices

tên linh kiện AD7124-8BBCPZ
Giải thích chi tiết về linh kiện  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BBCPZ bảng dữ liệu(HTML) 48 Page - Analog Devices

Back Button AD7124-8BBCPZ Datasheet HTML 44Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 45Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 46Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 47Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 48Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 49Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 50Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 51Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 95 page
background image
Data Sheet
AD7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. F | 48 of 95
voltage range on the AINP input is 1.5 V to 3 V when VREF =
AVDD = 3 V. If the ADC is configured for bipolar mode, the analog
input range on the AINP input is 0 V to AVDD. The bipolar/unipolar
option is chosen by programming the bipolar bit in the configuration
register.
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input voltage
resulting in a code of 00 … 00, a midscale voltage resulting in a
code of 100 … 000, and a full-scale input voltage resulting in a
code of 111 … 111. The output code for any analog input voltage
can be represented as
Code = (2N × AIN × Gain)/VREF
When the ADC is configured for bipolar operation, the output code
is offset binary with a negative full-scale voltage resulting in a code
of 000 … 000, a zero differential input voltage resulting in a code
of 100 … 000, and a positive full-scale input voltage resulting in a
code of 111 … 111. The output code for any analog input voltage
can be represented as
Code = 2N − 1 × [(AIN × Gain/VREF) + 1]
where:
N = 24.
AIN is the analog input voltage.
Gain is the gain setting (1 to 128).
EXCITATION CURRENTS
The AD7124-8 also contains two matched, software configurable,
constant current sources that can be programmed to equal 0.1 µA,
50 µA, 100 µA, 250 µA, 500 µA, 750 µA, or 1 mA. These current
sources can be used to excite external resistive bridges or RTD
sensors. Both current sources source currents from AVDD and can
be directed to any of the analog input pins (see Figure 77).
The pins on which the currents are made available are programmed
using the IOUT1_CH and IOUT0_CH bits in the IO_CONTROL_1
register (see Table 51). The magnitude of each current source is
individually programmable using the IOUT1 and IOUT0 bits in the
IO_CONTROL_1 register. In addition, both currents can be output
to the same analog input pin.
Note that the on-chip reference does not need to be enabled when
using the excitation currents.
AIN0
AIN1
AVDD
VBIAS
IOUT1
IOUT0
AVDD
AVSS
AVSS
AVDD
AVSS
AIN15
AVDD
AVSS
VBIAS
VBIAS
PGA
TO ADC
BURNOUT
CURRENTS
Figure 77. Excitation Current and Bias Voltage Connections
BRIDGE POWER-DOWN SWITCH
In bridge applications such as strain gages and load cells, the
bridge itself consumes the majority of the current in the system. For
example, a 350 Ω load cell requires 8.6 mA of current when excited
with a 3 V supply. To minimize the current consumption of the
system, the bridge can be disconnected (when it is not being used)
using the bridge power-down switch. The switch can withstand 30
mA of continuous current, and it has an on resistance of 10 Ω
maximum. The PDSW bit in the IO_CONTROL_1 register controls
the switch.
LOGIC OUTPUTS
The AD7124-8 has four general-purpose digital outputs: P1 to P4.
These are enabled using the GPIO_CTRL bits in the IO_CON-
TROL_1 register (see Table 51). The pins can be pulled high or low
using the GPIO_DATx bits in the register; that is, the value at the
pin is determined by the setting of the GPIO_DATx bits. The logic
levels for these pins are determined by AVDD rather than by IOVDD.
Table 51. Input/Output Control 1 Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x03
IO_
CONTROL
_1
[23:16] GPIO_DAT4 GPIO_DAT3 GPIO_DAT2 GPIO_DAT1 GPIO_CTRL
4
GPIO_CTRL
3
GPIO_CTRL
2
GPIO_CTRL
1
0x000000 RW
[15:8]
PDSW
0
IOUT1
IOUT0
[7:0]
IOUT1_CH
IOUT0_CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com