công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7124-8BBCPZ bảng dữ liệu(PDF) 68 Page - Analog Devices

tên linh kiện AD7124-8BBCPZ
Giải thích chi tiết về linh kiện  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BBCPZ bảng dữ liệu(HTML) 68 Page - Analog Devices

Back Button AD7124-8BBCPZ Datasheet HTML 64Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 65Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 66Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 67Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 68Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 69Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 70Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 71Page - Analog Devices AD7124-8BBCPZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 95 page
background image
Data Sheet
AD7124-8
DIAGNOSTICS
analog.com
Rev. F | 68 of 95
The AD7124-8 has numerous diagnostic functions on chip. Use
these features to ensure
►
Read/write operations are to valid registers only
►
Only valid data is written to the on-chip registers
►
Appropriate decoupling is used on the LDOs
►
The external reference, if used, is present
►
The ADC modulator and filter are working within specification
SIGNAL CHAIN CHECK
Functions such as the reference and power supply voltages can
be selected as inputs to the ADC. The AD7124-8 can therefore
check the voltages connected to the device. The AD7124-8 also
generates an internal 20 mV signal that can be applied internally to
a channel by selecting the V_20MV_P to V_20MV_M channel in the
channel register. The internal 20 mV uses a common-mode voltage
of 10 mV. Therefore, the absolute voltage of V_20MV_M is AVSS.
If the AINM_UV_ERR function is enabled, the AINM_UV_ERR flag
may be set when the internal 20 mV is being measured. For this
reason, ignore the AINM_UV_ERR flag status when converting the
internal 20 mV signal. The PGA can be checked using this function.
As the PGA setting is increased, for example, the signal as a
percent of the analog input range is increased by a factor of two.
This allows the user to check that the PGA is functioning correctly.
Note that the internal 20 mV cannot be used to test the signal chain
at a gain of 1, AIN_BUFM buffer enabled as the buffer requires 100
mV of headroom. To test the signal chain for this configuration, the
power supply or LDO can be selected as the analog input.
REFERENCE DETECT
The AD7124-8 includes on-chip circuitry to detect if there is a valid
reference for conversions or calibrations when the user selects
an external reference as the reference source. This is a valuable
feature in applications such as RTDs or strain gages where the
reference is derived externally.
Figure 118. Reference Detect Circuitry
This feature is enabled when the REF_DET_ERR_EN bit in the
ERROR_EN register is set to 1. If the voltage between the selected
REFINx(+) and REFINx(−) pins goes below 0.7 V, or either the
REFINx(+) or REFINx(−) inputs are open circuit, the AD7124-8
detects that it no longer has a valid reference. In this case, the
REF_DET_ERR bit in the error register is set to 1. The ERR bit in
the status register is also set.
If the AD7124-8 is performing normal conversions and the
REF_DET_ERR bit becomes active, the conversion results revert
to all 1s. Therefore, it is not necessary to continuously monitor the
status of the REF_DET_ERR bit when performing conversions. It is
only necessary to verify its status if the conversion result read from
the ADC data register is all 1s.
If the AD7124-8 is performing either offset or full-scale calibrations
and the REF_DET_ERR bit becomes active, the updating of the
respective calibration register is inhibited to avoid loading incorrect
coefficients to the register, and the REF_DET_ERR bit is set. If
the user is concerned about verifying that a valid reference is in
place every time a calibration is performed, check the status of the
REF_DET_ERR bit at the end of the calibration cycle.
The reference detect flag may be set when the device exits of
standby mode. Therefore, read the error register after exiting stand-
by mode to reset the flag to 0.
CALIBRATION, CONVERSION, AND
SATURATION ERRORS
The conversion process and calibration process can also be
monitored by the AD7124-8. These diagnostics check the an-
alog input used as well as the modulator and digital filter
during conversions or calibration. The functions can be ena-
bled using the ADC_CAL_ERR_EN, ADC_CONV_ERR_EN, and
ADC_SAT_ERR_EN bits in the ERROR_EN register. With these
functions enabled, the ADC_ CAL_ERR, ADC_CONV_ERR, and
ADC_SAT_ERR bits are set if an error occurs.
The ADC_CONV_ERR flag is set if there is an overflow or under-
flow in the digital filter. The ADC conversion clamps to all 0s or all
1s also. This flag is updated in conjunction with the update of the
data register and can be cleared only by a read of the error register.
The ADC_SAT_ERR flag is set if the modulator outputs 20 consec-
utive 1s or 0s. This indicates that the modulator has saturated.
When an offset calibration is performed, the resulting offset coeffi-
cient must be between 0x7FFFF and 0xF80000. If the coefficient
is outside this range, the offset register is not updated and the
ADC_CAL_ERR flag is set. During a full-scale calibration, overflow
of the digital filter is checked. If an overflow occurs, the error flag is
set and the gain register is not updated.
OVERVOLTAGE/UNDERVOLTAGE DETECTION
The overvoltage/undervoltage monitors check the absolute voltage
on the AINx analog input pins. The absolute voltage must be within
specification to meet the datasheet specifications. If the ADC is
operated outside the datasheet limits, linearity degrades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com