| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP92FD54AI bảng dữ liệu(PDF) 14 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI bảng dữ liệu(HTML) 14 Page - Toshiba Semiconductor |
|
14 / 84 page ![]() 2006-01-27 92FD54AI-14 TMP92FD54AI 4.2.2 Memory map for each mode The memory map for the device varies according to the operation mode. The following diagram shows the memory map for each operation mode. Figure 4.2.2 TMP92FD54AI memory map for each mode Figure 4.2.3 Block allocation Single-Chip Mode Single-Boot Mode 000000H 000400H 008400H F80000H FFFF00H FFFFFFH FFF000H 000000H 000400H 010000H 090000H FFF400H FFFF00H FFFFFFH 008400H (予約) 内蔵 Flash ROM Internal I/O Internal RAM 32KB External memory Internal Flash ROM 512KB Internal I/O Internal RAM 32KB External memory External memory Reserved Internal Boot ROM 3KB Internal Flash ROM 512KB (Interrupt vector 256B) (Interrupt vector 256B) Block-0 Block-1 Block-2 Block-3 Block-4 Block-5 Block-6 Block-7 Block-8 Block-9 64KB 64KB 64KB 64KB 64KB 64KB 56KB 56KB 8KB 8KB 512KB Low High Address |