| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP92FD54AI bảng dữ liệu(PDF) 48 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI bảng dữ liệu(HTML) 48 Page - Toshiba Semiconductor |
|
48 / 84 page ![]() 2006-01-27 92FD54AI-48 TMP92FD54AI Figure 4.3.4 Serial operation mode reception flowchart Initialize 16-bit Timer 0 ( φT1 = 8/f, counter cleared) Set TB0RG1 value = 0xFFFF Prescaler starts 16-bit Timer 0 starts counting up Point A Stop operation (infinite loop) Receive pin changed from High to Low? YES YES YES Start Receive pin changed from Low to High? Latch and save timer value using soft capture (tAB) Receive pin changed from High to Low? Latch and save timer value using soft capture (tAC) YES Receive pin changed from Low to High? Latch and save timer value using soft capture (tAD) 16-bit Timer 0 stops counting tAC ≥ tAD? Back up tAD value End YES Point B Point C Point D NO NO NO |