| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP92FD54AI bảng dữ liệu(PDF) 11 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI bảng dữ liệu(HTML) 11 Page - Toshiba Semiconductor |
|
11 / 84 page ![]() 2006-01-27 92FD54AI-11 TMP92FD54AI JEDEC-based functions Functions which have been changed, added or removed Auto Program Auto Chip Erase Auto Block Erase Data Polling / Toggle Bit <Changed> Block Protect (supports only software protection.) <Removed> Erase Resume/Suspend function 4.1.2 Block diagram of the flash unit ROM Controller / Interleave Control Mode set- up pin Control Address Data Flash memory Column Decoder / Sense Amp Data Latch Address Latch Erase Block Decoder Control Circuit (including automatic sequence control circuit) Command Register RDY/BSY output Internal Address Bus Internal Data Bus Internal Control Bus Flash Memory Cell 512 KB Mode Control Figure 4.1.1 Block diagram of the flash unit |