| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP92FD54AI bảng dữ liệu(PDF) 82 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI bảng dữ liệu(HTML) 82 Page - Toshiba Semiconductor |
|
82 / 84 page ![]() TMP92FD54AI 2006-01-27 92FD54AI-82 6. Points to Note and Restrictions 6.1 Notation (1) The notation for built-in I/O registers is as follows register symbol <Bit symbol> Example: TRUN01<T0RUN> denotes bit T0RUN of register TRUN01. (2) Read-modify-write instructions (RMW) An instruction in which the CPU reads data from memory and writes the data to the same memory location in one instruction. Example 1: SET 3, (TRUN01); Set bit3 of TRUN01. Example 2: INC 1, (400H); Increment the data at 400H. • Examples of read-modify-write instructions on the TLCS-900/H1 Exchange instruction EX (mem), R Arithmetic operations ADD (mem), R/# ADC (mem), R/# SUB (mem), R/# SBC (mem), R/# INC #3, (mem) DEC #3, (mem) Logic operations AND (mem), R/# OR (mem), R/# XOR (mem), R/# Bit manipulation operations STCF #3/A, (mem) RES #3, (mem) SET #3, (mem) CHG #3, (mem) TSET #3, (mem) Rotate and shift operations RLC (mem) RRC (mem) RL (mem) RR (mem) SLA (mem) SRA (mem) SLL (mem) SRL (mem) RLD (mem) RRD (mem) . |