công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58PR256J bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện M58PR256J
Giải thích chi tiết về linh kiện  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 53Page - STMicroelectronics M58PR256J Datasheet HTML 54Page - STMicroelectronics M58PR256J Datasheet HTML 55Page - STMicroelectronics M58PR256J Datasheet HTML 56Page - STMicroelectronics M58PR256J Datasheet HTML 57Page - STMicroelectronics M58PR256J Datasheet HTML 58Page - STMicroelectronics M58PR256J Datasheet HTML 59Page - STMicroelectronics M58PR256J Datasheet HTML 60Page - STMicroelectronics M58PR256J Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
M58PR256J, M58PR512J
Extended Flash Array (EFA)
57/114
9
Extended Flash Array (EFA)
In addition to its Main Array, the M58PRxxxJ features an Extended Flash Array (EFA)
divided into 4 Blocks of 4 KWords each. See Table 4: EFA memory map.
The EFA Blocks are accessed through a separate set of commands (see Section 4:
Command interface for details).
The operations available on the EFA Blocks are Asynchronous Random Access Read,
Single Synchronous Read, (Single Word) Program, Erase, Block Lock, Block Unlock, Block
Lock-down.
The EFA Blocks support Program/Erase Suspend and Dual Operations with Main Array.
Dual Operations between the EFA and the OTP area are not supported. See Table 20: Dual
operation limitations for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More