công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5815PWPR bảng dữ liệu(PDF) 74 Page - Texas Instruments

tên linh kiện TAS5815PWPR
Giải thích chi tiết về linh kiện  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 70Page - Texas Instruments TAS5815PWPR Datasheet HTML 71Page - Texas Instruments TAS5815PWPR Datasheet HTML 72Page - Texas Instruments TAS5815PWPR Datasheet HTML 73Page - Texas Instruments TAS5815PWPR Datasheet HTML 74Page - Texas Instruments TAS5815PWPR Datasheet HTML 75Page - Texas Instruments TAS5815PWPR Datasheet HTML 76Page - Texas Instruments TAS5815PWPR Datasheet HTML 77Page - Texas Instruments TAS5815PWPR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 123 page
background image
8.1.22 AUTO_MUTE_TIME Register (Offset = 51h) [Reset = 55h]
AUTO_MUTE_TIME is shown in Figure 8-22 and described in Table 8-24.
Return to the Summary Table.
Auto mute time
Figure 8-22. AUTO_MUTE_TIME Register
7
6
5
4
3
2
1
0
RESERVED
CH1_AMT
RESERVED
CH2_AMT
R/W-0h
R/W-5h
R/W-0h
R/W-5h
Table 8-24. AUTO_MUTE_TIME Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6-4
CH1_AMT
R/W
5h
Auto Mute Time for Channel 1
These bits specify the length of consecutive zero samples at ch1
before the channel can be auto muted. The times shown are for 96
kHz sampling rate and will scale with other rates.
000: 11.5 ms
001: 53 ms
010: 106.5 ms
011: 266.5 ms
100: 0.535 sec
101: 1.065 sec
110: 2.665 sec
111: 5.33 sec
3
RESERVED
R/W
0h
2-0
CH2_AMT
R/W
5h
Auto Mute Time for Channel 2
These bits specify the length of consecutive zero samples at ch2
before the channel can be auto muted. The times shown are for 96
kHz sampling rate and will scale with other rates.
000: 11.5 ms
001: 53 ms
010: 106.5 ms
011: 266.5 ms
100: 0.535 sec
101: 1.065 sec
110: 2.665 sec
111: 5.33 sec
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
74
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com