công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5815PWPR bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện TAS5815PWPR
Giải thích chi tiết về linh kiện  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 40Page - Texas Instruments TAS5815PWPR Datasheet HTML 41Page - Texas Instruments TAS5815PWPR Datasheet HTML 42Page - Texas Instruments TAS5815PWPR Datasheet HTML 43Page - Texas Instruments TAS5815PWPR Datasheet HTML 44Page - Texas Instruments TAS5815PWPR Datasheet HTML 45Page - Texas Instruments TAS5815PWPR Datasheet HTML 46Page - Texas Instruments TAS5815PWPR Datasheet HTML 47Page - Texas Instruments TAS5815PWPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 123 page
background image
Table 7-4. I2 C Target Address Configuration (continued)
ADR/ FAULT PIN
Configuration
MSBs
User Define
LSB
120kΩ to DVDD
1
0
1
0
1
1
1
R/ W
7.5.2.1 Random Write
As shown in Figure 7-10, a single-byte data-write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a write data transfer, the read/write bit is a 0. After receiving the correct I2C device address
and the read/write bit, the device responds with an acknowledge bit. Next, the master transmits the address
byte corresponding to the internal memory address being accessed. After receiving the address byte, the device
again responds with an acknowledge bit. Next, the master device transmits the data byte to be written to the
memory address being accessed. After receiving the data byte, the device again responds with an acknowledge
bit. Finally, the master device transmits a stop condition to complete the single-byte data-write transfer.
Acknowledge
Acknowledge
Acknowledge
Start
Condition
I
2C Device Address
and R/W Bit
Subaddress
Data Byte
Stop
Condition
ACK
A1
A0 ACK
A3
A2
A4
A5
A1
A3
A2
A6
A5
A4
A0 R/W ACK A7
A6
D7
D6
D5
D4
D3
D2
D1
D0
Figure 7-10. Random Write Transfer
7.5.2.2 Random Read
As shown in Figure 7-11, a single-byte data-read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data-read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte of the internal memory
address to be read. As a result, the read/write bit is a 0. After receiving the address and the read/write bit,
the device responds with an acknowledge bit. In addition, after sending the internal memory address byte, the
master device transmits another start condition followed by the address and the read/write bit again. This time
the read/write bit is a 1, indicating a read transfer. After receiving the address and the read/write bit, the device
again responds with an acknowledge bit. Next, the device transmits the data byte from the memory address
being read. After receiving the data byte, the master device transmits a not-acknowledge followed by a stop
condition to complete the single-byte data-read transfer.
Not
Acknowledge
Acknowledge
Acknowledge
Acknowledge
Start
Condition
I
2C Device Address
and R/W Bit
Subaddress
I
2C Device Address
and R/W Bit
Data Byte
Stop
Condition
ACK
D0
ACK
D7
A1
A0 R/W
A5
A0
A6
A7
A1
A0 R/W
A5
A6
ACK
Repeat Start
Condition
A6
ACK
A5
A4
D6
D6
Figure 7-11. Random Read Transfer
7.5.2.3 Sequential Write
A sequential data-write transfer is identical to a single-byte data-write transfer except that multiple data bytes
are transmitted by the master to the device as shown in Figure 7-12. After receiving each data byte, the device
responds with an acknowledge bit and the I2 subaddress is automatically incremented by one.
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com