công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5815PWPR bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện TAS5815PWPR
Giải thích chi tiết về linh kiện  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 42Page - Texas Instruments TAS5815PWPR Datasheet HTML 43Page - Texas Instruments TAS5815PWPR Datasheet HTML 44Page - Texas Instruments TAS5815PWPR Datasheet HTML 45Page - Texas Instruments TAS5815PWPR Datasheet HTML 46Page - Texas Instruments TAS5815PWPR Datasheet HTML 47Page - Texas Instruments TAS5815PWPR Datasheet HTML 48Page - Texas Instruments TAS5815PWPR Datasheet HTML 49Page - Texas Instruments TAS5815PWPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 123 page
background image
7.5.2.4 Sequential Read
A sequential data-read transfer is identical to a single-byte data-read transfer except that multiple data bytes are
transmitted by the device to the master device as shown in Figure 7-13. Except for the last data byte, the master
device responds with an acknowledge bit after receiving each data byte and automatically increments the I2C
sub address by one. After receiving the last data byte, the master device transmits a not-acknowledge followed
by a stop condition to complete the transfer.
Not
Acknowledge
Acknowledge
Acknowledge
Acknowledge
Acknowledge
Repeat Start
Condition
Acknowledge
Start
Condition
I
2C Device Address
and R/W Bit
Subaddress
I
2C Device Address
and R/W Bit
First Data Byte
Other Data Byte
Last Data Byte
Stop
Condition
ACK
D0
D0 ACK D7
D0
ACK
D7
R/W
D7
A6
ACK
A0
A0 ACK
A5
R/W ACK
A7
A0
A6
A6
Figure 7-13. Sequential Read Transfer
7.5.2.5 DSP Memory Book, Page and BQ update
The TAS5815 device supports the I2C serial bus and the data transmission protocol for standard and fast mode
as a target device.
The DSP memory is arranged in books, pages, and registers. Each book has several pages and each page has
several registers.
Because the TAS5815 register map spans several books and pages, the user must select the correct book and
page before writing individual register bits or bytes.
To change the book, the user must be on page 0x00. In register 0x7f on page 0x00 you can change the book.
On page 0x00 of each book, register 0x7f is used to change the book. Register 0x00 of each page is used to
change the page. To change a book first write 0x00 to register 0x00 to switch to page 0 then write the book
number to register 0x7f on page 0. To change between pages in a book, simply write the page number to
register 0x00.
All the Biquad Filters coefficients are addressed in Book 0xAA. The five coefficients of every Biquad Filter should
be written entirely and sequentially from the lowest address to the highest.
7.5.2.6 Example Use
The following is a sample script for configuring a device on I2C target address 0xA8 and set the device switching
frequency to 768kHz with Class D loop bandwidth to 175kHz, BD Modulation:
• w A8 00 00 #Go to Page0
• w A8 7f 00 #Change the Book to 0x00
• w A8 00 00 #Go to Page 0x00
• w A8 02 01 #Set switching frequency to 768kHz with 1SPW Modulation
• w A8 53 60 #Set Class D Loop Bandwidth to 175kHz
Example 2, The following is a sample script for configuring a device on I2C target address 0xA8 and using the
DSP host memory to change the digital volume to the default value of 0dB:
• w A8 00 00 #Go to Page 0
• w A8 7f 8c #Change the Book to 0x8C
• w A8 00 2a #Go to Page 0x2a
• w A8 24 00 80 00 00 #change digital volume to 0 dB
7.5.2.7 Checksum
This device supports two different check sum schemes, a cyclic redundancy check (CRC) checksum and an
Exclusive (XOR) checksum. Register reads do not change checksum, but writes to even nonexistent registers
will change the checksum. Both checksums are 8-bit checksums and both are available together simultaneously.
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com