công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 20 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 20 Page - Arista Networks, Inc

Back Button KIT-7800-RK-L Datasheet HTML 16Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 17Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 18Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 19Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 20Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 21Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 22Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 23Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 24Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
7800R3 Series | Ordering Information
Product Number
Product Description
System Bundles
DCS-7816R3-BND
Arista 7816R Chassis bundle. Includes 7816 chassis, 12x3kW D1 AC PS, 12xFM-R3, 1x7816-Sup (Extended Rack Kit)
DCS-7816R3-BND-DC
Arista 7816R Chassis bundle. Includes 7816 chassis, 12x3kW D2 DC PS, 12xFM-R3, 1x7816-Sup (Extended Rack Kit)
DCS-7816R3-BND-S2
Arista 7816R Chassis bundle. Includes 7816 chassis, 12x3kW D1 AC PS, 12xFM-R3, 2x7816-Sup (Extended Rack Kit)
DCS-7816R3-BND-DC-S2
Arista 7816R Chassis bundle. Includes 7816 chassis, 12x3kW D2 DC PS, 12xFM-R3, 2x7816-Sup (Extended Rack Kit)
DCS-7816R3-BNDS
Arista 7816R Chassis bundle. Includes 7816 chassis, 12x3kW D1 AC PS, 12xFM-R3, 1x7816-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7816R3-BNDS-DC
Arista 7816R Chassis bundle. Includes 7816 chassis, 12x3kW D2 DC PS, 12xFM-R3, 1x7816-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7816LR3-BND
Arista 7816LR Chassis bundle. Includes 7816L chassis, 12x3kW D1 AC PS, 6xFM-LR3, 1x7816-Sup (Extended Rack Kit)
DCS-7816LR3-BND-DC
Arista 7816LR Chassis bundle. Includes 7816L chassis, 12x3kW D2 DC PS, 6xFM-LR3, 1x7816-Sup (Extended Rack Kit)
DCS-7816LR3-BND-S2
Arista 7816LR Chassis bundle. Includes 7816L chassis, 12x3kW D1 AC PS, 6xFM-LR3, 2x7816-Sup (Extended Rack Kit)
DCS-7816LR3-BND-DC-S2
Arista 7816LR Chassis bundle. Includes 7816L chassis, 12x3kW D2 DC PS, 6xFM-LR3, 2x7816-Sup (Extended Rack Kit)
DCS-7816LR3-BNDS
Arista 7816LR Chassis bundle. Includes 7816L chassis, 12x3kW D1 AC PS, 6xFM-LR3, 1x7816-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7816LR3-BNDS-DC
Arista 7816LR Chassis bundle. Includes 7816L chassis, 12x3kW D2 DC PS, 6xFM-LR3, 1x7816-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
Note:
- Arista 7804, 8 , 12 and 16 slot switches ship with 12, 16, 20 or 24 SAF-D-GRID to C20 power cables (4m). Other power cables must be ordered separately
- Front-to-rear means the air flows from the switch port side to the fan side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com