công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 10 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 10 Page - Arista Networks, Inc

Back Button KIT-7800-RK-L Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 10Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 11Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 12Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 13Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 14Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
7800R3 Series | Technical Specifications
Chassis
DCS-7816L
DCS-7816
DCS-7812
Supervisor slots
2
2
2
Linecard Slots
16
16
12
Fabric Module Slots
6
12
6
Power Supply Slots
(Max Power Budget)
24 (72 kW)
24 (72 kW)
18 (54 kW)
Physical Dimensions (HxWxD)
55.6 x 17.4 x 37”
(141.3 x 44.1 x 94 cm)
55.3 x 17.4 x 40”
(140.4 x 44.1 x 100.4 cm)
39.9 x 17.4 x 37"
(101.3 x 44.1 x 94 cm)
Rack Units
32
32
23
Weight (Chassis Only)
483 lbs (219 kg)
640 lbs (291 kg)
355 lbs (161 kg)
Weight (Full System)
1523 lbs (691 kg)
1580 lbs (717 kg)
1082 lbs (490 kg)
Maximum 50G Density 1
4608
4608
3456
Maximum 100G Density 1
2304
2304
1728
Maximum 400G Density 1
576
576
432
Maximum Throughput/PPS
460 Tbps / 96 Bpps
460 Tbps / 96 Bpps
345 Tbps / 72 Bpps
Max Power Consumption 2
37,914 W
39,264 W
27984 W
Typical Airflow 3
1985 cfm (56.18 m3/min)
1779.6 cfm (50.36 m3/min)
1546.6 cfm (43.77 m3/min)
Max Airflow 3
4826.1 cfm (136.58 m3/min)
4251 cfm (120.32 m3/min)
3455.4 cfm (97.79 m3/min)
1. Maximum density values based on per line card breakout with appropriate cables/transceivers and subject to EOS Scale. Detailed information can be found here.
2. System maximum internal power calculated at 40C ambient with 100% load on all ports. Excludes optics power as this is a significant variable for 100G and 400G.
3. Typical airflow: default PSUs, 1x supervisor, full-fill of 7800R3AK-36DM-LC at 25C, sea level. Max airflow: 40C+3km, 100% load, all line cards, supervisors and PSUs
installed.
Chassis
DCS-7808
DCS-7804
Supervisor slots
2
2
Linecard Slots
8
4
Fabric Module Slots
6
6
Power Supply Slots
(Max Power Budget)
12 (36 kW)
8 (24 kW)
Physical Dimensions (HxWxD)
27.7 x17.4 x 37.0"
(70.3 x 44.1 x 94 cm)
17.2 x 17.4 x 37.0”
(43.6 x 44.1 x 94 cm)
Rack Units
16
10
Weight (Chassis Only)
222 lbs (101 kg)
163 lbs (74 kg)
Weight (Full System)
717 lbs (325 kg)
448 lbs (203 kg)
Maximum 50G Density 1
2304
1152
Maximum 100G Density 1
1152
576
Maximum 400G Density 1
288
144
Maximum Throughput/PPS
230 Tbps / 48 Bpps
115 Tbps / 24 Bpps
Max Power Consumption 2
19,698 W
9,121 W
Typical Airflow 3
1057.1 cfm (29.92 m3/min)
452.5 cfm (12.81 m3/min)
Max Airflow 3
2358 cfm (66.73 m3/min)
1108.6 cfm (31.37 m3/min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com