công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 12 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 12 Page - Arista Networks, Inc

Back Button KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 10Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 11Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 12Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 13Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 14Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 15Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 16Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
7800R Series
7800R3A-36P
7800R3A-36PM
7800R3AK-36PM
Ports
36 x OSFP
36 x OSFP
36 x OSFP
Max 10G 1
232
232
232
Max 25G 1
232
232
232
Max 40G (using QSFP+) 1
36
36
36
Max 50G 1
232
232
232
Max 100G 1
144
144
144
Max 400G 1
36
36
36
Max Total Interfaces 2
232
232
232
Throughput (FDX)
14.4 Tbps (28.8 Tbps)
Encryption
No
TunnelSec - All Ports
TunnelSec - All Ports
Port Buffer
16 GB
16 GB
16 GB
Weight
25.35 lbs (11.5 kg)
25.35 lbs (11.5 kg)
25.35 lbs (11.5 kg)
Typical (Max) Power 3
533 W (749 W)
548 W (764 W)
578 W (794 W)
Dimensions (WxHxD)
18.9" x 2.1" x 17.8" (48.1 x 5.4 x 45.2 cm)
Chassis Support
DCS-7816L, DCS-7816, DCS-7812, DCS-7808, DCS-7804
7800R3 Series | Line Card Technical Specifications
7800R Series
7800R3A-36D
7800R3A-36DM
7800R3AK-36DM
Ports
36 x QSFP-DD
36 x QSFP-DD
36 x QSFP-DD
Max 10G 1
232
232
232
Max 25G 1
232
232
232
Max 40G (using QSFP+) 1
36
36
36
Max 50G 1
232
232
232
Max 100G 1
144
144
144
Max 400G 1
36
36
36
Max Total Interfaces 2
232
232
232
Throughput (FDX)
14.4 Tbps (28.8 Tbps)
MACsec
No
TunnelSec - All Ports
TunnelSec - All Ports
Port Buffer
16 GB
16 GB
16 GB
Weight
25.7 lbs (11.66 kg)
25.7 lbs (11.66 kg)
25.7 lbs (11.66 kg)
Typical (Max) Power 3
533 W (749 W)
548 W (764 W)
578 W (794 W)
Dimensions (WxHxD)
18.9" x 2.1" x 17.8" (48.1 x 5.4 x 45.2 cm)
Chassis Support
DCS-7816L, DCS-7816, DCS-7812, DCS-7808, DCS-7804
1. Maximum port values are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities. Detailed information can be found here.
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain configurations may impose restrictions on which physical ports can be used
3. Typical power consumption measured at 25C ambient with 50% load on all ports. Excludes optics power as this is a significant variable for 100G and 400G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com