công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 11 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 11 Page - Arista Networks, Inc

Back Button KIT-7800-RK-L Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 10Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 11Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 12Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 13Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 14Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 15Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
7800R3 Series | Technical Specifications
Fabric Module
DCS-7816LR3-FM
DCS-7816R3-FM
DCS-7812R3-FM
Redundancy
Graceful degradation supported
Dimensions (HxWxD)
2.5” x 43.3” x 22.7”
(6.4 x 109.9 x 57.8 cm)
2.5” x 21” x 16.4”
(6.4 x 53.3 x 41.6 cm)
2.5” x 31.1” x 22.7”
(6.4 x 79 x 57.6 cm)
Weight
70.5 lbs (32 kg)
32 lbs (14.5 kg)
51 lbs (23.1 kg)
Typical (Max) Power 1
1030 W (1331 W)
510 W (778 W)
681 W (917 W)
User Serviceable Fans
Yes (16 Fan Modules)
Yes (8 Fan Modules)
Yes (12 Fan Modules)
Chassis Support
DCS-7816L
(6 per chassis required)
DCS-7816
(12 per chassis required)
DCS-7812
(6 per chassis required)
Fabric Module
DCS-7808R3-FM
DCS-7808R3-FM2
DCS-7804R3-FM
Redundancy
Graceful degradation supported
Dimensions (HxWxD)
2.5” x 21” x 22.70"
(6.4 x 53.3 x 57.6 cm)
2.5” x 21” x 22.70"
(6.4 x 53.3 x 57.6 cm)
2.5” x 11.8” x 22.70"
(6.4 x 30 x 57.6 cm)
Weight
35 lbs (15.9 kg)
32.2 lbs (14.6 kg)
20 lbs (9.1 kg)
Typical (Max) Power 1
510 W (778 W)
370 W (518 W)
180 W (248 W)
User Serviceable Fans
Yes (8 Fan Modules)
Yes (8 Fan Modules)
Yes (4 Fan Modules)
Chassis Support
DCS-7808
(6 per chassis required)
DCS-7808
(6 per chassis required)
DCS-7804
(6 per chassis required)
Power Supply
PWR-D1-3041-AC
PWR-D2-3041-DC
PWR-D4-3041-AC
Input Circuit (Max)
2x - 200-240VAC, 16A
2x -48 to -60VDC, 70A
2x 200-277VAC or
2x 240-380VDC, 16A
Input Frequency
50/60Hz
N/A
50/60Hz (AC)
Output Power
3000W
3000W
3000W
Input Connector
2x SAF-D-GRID 400
AWG#1 Max
Each Lug 2 x M6 Studs
2x SAF-D-GRID 400
Efficiency
94.5% Platinum
94%
94.5% Platinum
Size (WxHxD)
2.7" x 1.6" x 23.6" (6.8 x 40.6 x
60.0cm)
2.7" x 1.6" x 23.6" (6.8 x 40.6 x
60.0cm)
2.7" x 1.6" x 23.6" (6.8 x 40.6 x
60.0cm)
Weight
8lbs (3.6kg)
8lbs (3.6kg)
8lbs (3.6kg)
Chassis Support
DCS-7816L, DCS-7816, DCS-7812, DCS-7808, DCS-7804
1. Typical power consumption measured at 25C ambient with 50% load on all ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com