công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 13 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 13 Page - Arista Networks, Inc

Back Button KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 10Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 11Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 12Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 13Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 14Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 15Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 16Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 17Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
7800R Series
7800R3A-36D2
7800R3A-36DM2
7800R3AK-36DM2
Ports
36 x QSFP-DD
36 x QSFP-DD
36 x QSFP-DD
Max 10G 1
232
232
232
Max 25G 1
232
232
232
Max 40G (using QSFP+) 1
36
36
36
Max 50G 1
232
232
232
Max 100G 1
144
144
144
Max 400G 1
36
36
36
Max Total Interfaces 2
232
232
232
Throughput (FDX)
14.4 Tbps (28.8 Tbps)
Encryption
No
TunnelSec - All Ports
TunnelSec - All Ports
Linecard CPU
Yes
Yes
Yes
Port Buffer
16 GB
16 GB
16 GB
Weight
25.85 lbs (11.73 kg)
25.85 lbs (11.73 kg)
25.85 lbs (11.73 kg)
Typical (Max) Power 3
563 W (779 W)
578 W (794 W)
608 W (824 W)
Dimensions (WxHxD)
18.9" x 2.1" x 17.8" (48.1 x 5.4 x 45.2 cm)
Chassis Support
DCS-7816L, DCS-7816, DCS-7812, DCS-7808, DCS-7804
7800R3 Series | Line Card Technical Specifications
7800R Series
7800R3-36P
7800R3-36D
7800R3K-36DM
Ports
36 x OSFP
36 x QSFP-DD
36 x QSFP-DD
Max 10G 1
288
288
288
Max 25G 1
288
288
288
Max 40G (using QSFP+) 1
36
36
36
Max 50G 1
288
288
288
Max 100G 1
144
144
144
Max 400G 1
36
36
36
Max Total Interfaces 2
288
288
288
Throughput (FDX)
14.4 Tbps (28.8 Tbps)
Encryption
No
No
MACsec - All ports
Port Buffer
24 GB
24 GB
24 GB
Weight
22 lbs (10 kg)
22 lbs (10 kg)
22 lbs (10 kg)
Typical (Max) Power 3
825 W (1136 W)
839 W (1149 W)
1416 W (1823 W)
Dimensions (WxHxD)
18.9" x 2.1" x 17.8" (48.1 x 5.4 x 45.2 cm)
Chassis Support
DCS-7816L, DCS-7816, DCS-7812, DCS-7808, DCS-7804
1. Maximum port values are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities. Detailed information can be found here.
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain configurations may impose restrictions on which physical ports can be used
3. Typical power consumption measured at 25C ambient with 50% load on all ports. Excludes optics power as this is a significant variable for 100G and 400G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com