công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK bảng dữ liệu(PDF) 1 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK bảng dữ liệu(HTML) 1 Page - Arista Networks, Inc

  KIT-7800-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
7800R3 Series Data Center Switch Router
Data Sheet
Product Highlights
System Scale and Performance
• 230 Tbps (460 Tbps FDX) fabric capacity
• Up to 96 Billion packets per second
• Up to 14.4 Tbps per slot
• Up to 576 wire-speed 400G ports
• 100G, 200G and 400G modes, 800G Ready
• Deep packet buffer up to 24 GB /line card
• 400G ZR and ZR+ Support
• Front-to-rear airflow for optimized cooling
• 16W per 100G and 25W per 400G port
typical power
Fully Scheduled Lossless Architecture
• Cell-spraying fabric for 100% efficiency
• Fully scheduled credit control
• Per port Virtual Output Queuing to
eliminate head of line blocking
• Under 4 microsecond latency (64 bytes)
High Hardware Availability
• Dual-input grid redundant power supplies
• Configurable PSU redundancy up to N+N
• 1+1 Supervisor redundancy
• Fabric module redundancy
Cloud Grade Routing
• Secure Internet Peering
• MACsec, IPsec and VXLANsec encryption
• Carrier Edge VPN Services
• Next Generation EVPN Services for 5G/
MEC, CIN, & Metro
• Carrier Core transport (LDP, RSVP-TE, SR-TE)
and HA with FRR and TI-LFA
• Next Generation timing (IEEE 1588 - PTP)
• Open programmable APIs (JSON-RPC,
NETCONF) for provisioning, telemetry,
path selection/topology discovery
Advanced Provisioning, Monitoring
• CloudVision
• LANZ for microburst detection
• Zero Touch Provisioning (ZTP)
• Accelerated sFlow (RFC3176)
• IEEE 1588 PTP
Resilient Control Plane
• Multi-core Hyper-threaded x86 CPU
• 64GB DRAM / 4GB Flash
• Dual Supervisor modules
Arista Extensible Operating System
• Stateful Fault Containment and Repair
• Full access to Linux shell and tools
• Extensible platform - bash, python, C++
Overview
The Arista 7800R3 Series of purpose built modular switches deliver the industry’s
highest performance scaling to 460 Tbps of system throughput to meet the needs
of the largest scale data centers. They combine scalable L2 and L3 resources and
high density with advanced features for network monitoring, precision timing and
network virtualization to deliver scalable and deterministic network performance
while simplifying designs and reducing OpEx.
The 7800R3 can be deployed in a wide range of open networking solutions
including large scale layer 2 and layer 3 cloud designs, overlay networks, virtualized
or traditional enterprise data center networks. Deep packet buffers and large
routing tables allow for internet peering and secure data center interconnect
applications and provides complete deployment flexibility.
Available in a modular system design, as a choice of 16, 12, 8 and 4 slots, the Arista
7800R3 is the next generation of the 7500 Series and delivers a consistent
architecture offering the same deep buffer, non-blocking VOQ capabilities while
setting a new standard for performance, density, reliability, and power efficiency.
The 7800R3 can support up to 576 ports of wire speed 400G and 768 ports of 100G
and offers over 460 Tbps of total capacity with a broad choice of line cards.
Standards based OSFP and QSFP-DD 400G and QSFP 100G interfaces support a
choice of speeds including 50G and 200G providing unparalleled flexibility and the
ability to seamlessly transition to next generation Ethernet performance.
Arista 7800R Series Modular Data
Center Switches
Arista EOS
All Arista products including the 7800R3 Series runs the same Arista EOS software
image simplifying network administration with a single standard across all switches.
Arista EOS is a modular switch operating system with a unique state sharing
architecture that cleanly separates switch state from protocol processing and
application logic. Built on top of a standard Linux kernel, all EOS processes run in
their own protected memory space and exchange state through an in-memory
database. This multi-process state sharing architecture provides the foundation for
in-service-software updates and self-healing resiliency together with stateful
switchover without the loss of data plane forwarding.
Arista EOS enables advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, VM Tracer and Linux based tools to be run natively on the
switch.
A l l c o m p o n e n t s a r e h o t
swappable, with redundant
supervisor, power, fabric and
cooling modules with front-to-
rear airflow. The system is
purpose built for data centers
and is energy efficient with
typical power consumption
from 16 Watts per 100G port
and from 25W per 400G port for
a fully configured chassis. These
attributes make the Arista 7800R
an ideal platform for building
reliable and highly scalable data
center networks.


Số phần tương tự - KIT-7800-RK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arista Networks, Inc
KIT-7800-RK ARISTA-KIT-7800-RK Datasheet
715Kb / 9P
7800R4 Series AI Spine Switch
Sept 2nd, 2024
KIT-7800-RK-L ARISTA-KIT-7800-RK-L Datasheet
715Kb / 9P
7800R4 Series AI Spine Switch
Sept 2nd, 2024
More results

Mô tả tương tự - KIT-7800-RK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SUYIN USA, INC.
2575A-05GXT SUYIN-USA-2575A-05GXT Datasheet
81Kb / 1P
USB A SERIES WITH SWITCH CENTER HEIGHT 1.74mm
logo
Cherry Semiconductor Co...
NM02 CHERRY-NM02 Datasheet
445Kb / 2P
center-off switch
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com