công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK bảng dữ liệu(PDF) 4 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK bảng dữ liệu(HTML) 4 Page - Arista Networks, Inc

  KIT-7800-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
System Overview
The 7800R3 Series offers architectural consistency to the 7500R and 7280R Series that ensures long term investment protection with
support for deterministic fair delivery, flexible scale and open programmability building on evolution of the Arista R-Series delivered by
the 7500 and 7280 Series. The following 7800R3 chassis options are available supporting HVAC, HVDC and LVDC power options:
• 7816R and 7816LR are 16-slot 32RU chassis that support up to 16 line cards
• 7812R a 12-slot 23RU chassis that supports up to 12 line cards
• 7808R an 8-slot 16 RU chassis that supports up to 8 line cards
• 7804R a 4-slot 10 RU chassis that supports up to 4 line cards
7800R systems can accommodate any combination of the 7800R3 and 7800R3A line cards providing a choice of density, scale and
speed, with all options including support for FlexRoute, Accelerated sFlow and Algorithmic ACLs. The Arista 7800R3 efficiency design
lowers TCO requiring as little as 25W pre 400G port, combined with optimized cooling, to make the 7800 the most reliable, dense and
power efficient modular switch.
7800R3 Fully Scheduled Lossless Network Performance
The Arista 7800R Series are purpose built multi-chip systems with full end to end scheduling and coordination - even in the largest 16-
slot, 576x 400GbE variant, the platform operates like a single extremely large switching chip that is 100% internally lossless and fair.  Four
advanced technologies converge to this highly desirable architecture:
• Cell-based fabric - elegantly mitigates elephant and
mice flows. Uniform cells sprayed across all fabric links for
100% efficiency
• Virtual Output Queues (VOQ) - invokes ingress virtual
queues to every egress port, eliminating head of line
blocking (HOLB)
• Distributed Credit Scheduling - ensures all egress ports
are independent eliminating HOLB and noisy neighbors
• Deep Buffering - easily handles in-cast, bursts and speed
mismatches without packet loss, keeping TCP running
efficiently
This advanced architecture enables the Arista 7800R to handle
the most demanding workloads with ease. AI clusters, data
centers and
Service Provider networks all benefit from the
7800R’s ability to handle high bandwidth low entropy traffic,
mixed traffic loads, real-time, multicast, and storage traffic while
still delivering low latency and non-blocking performance.
7800R3 Series Chassis - 4, 8, 12 or 16 Slots
The 7800R Series chassis each provide room for two supervisor modules, four, eight, twelve or sixteen line card modules, grid redundant
power supplies, and six or twelve fabric modules depending on the specific system. Supervisor and line card modules plug in from the
front, along with the power supplies while the fabric modules are inserted from the rear. The system uses a mid plane less design for
direct connection from line cards to fabric modules with control plane connectivity to each of the fabric and line card modules. The
systems are optimized for data center deployments with front-to-rear airflow and internally redundant AC or DC power supplies. 7800
platforms support migration to higher performance and density with no loss of functionality or redundancy.
Supervisor Module
The supervisor modules for the 7800R3 series run Arista Extensible Operating System (EOS) and handle all control plane and
management functions of the system. One supervisor module is needed to run the system and a second can be added for 1+1
redundancy. The multi-core x86 CPU with 64GB of DRAM and an optional SSD provides the control plane performance needed to run
an advanced data center switch scaling to hundreds of physical ports and thousands of virtual ports.
7800R3 Series | Platform Overview
7800R Series Fully Scheduled Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com