công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK bảng dữ liệu(PDF) 5 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK
Giải thích chi tiết về linh kiện  7800R3 Series Data Center Switch Router
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK bảng dữ liệu(HTML) 5 Page - Arista Networks, Inc

  KIT-7800-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Fabric Module
At the heart of the 7800R3 series is the fabric. It interconnects all line cards in a non-blocking architecture irrespective of the traffic. Each
line card module connects to the fabric with multiple links and data packets are spread across the links to fully utilize the fabric capacity.
Unlike hash-based selection of fabric links, the 7800R architecture provides 100% efficient connectivity from any port to any other port
with no drops. The fabric modules are always active-active, provide redundancy and can be hot-swapped. The Fabric Modules for each
system are based on the size of the chassis and contain individually serviceable fans for flexible and redundant cooling.
Power Supply Modules
The 7800R3 series switches are equipped with redundant and hot-swappable AC or DC power supplies with an internal variable speed
fan. Each power supply integrates 1+1 power redundancy ensuring grid redundancy in a choice of 3000W AC or DC power supplies.
The AC supplies are Titanium climate saver rated and have an efficiency of over 94% with single stage conversion to the internal 12V DC
voltage. DC supplies are available to suit either -40 to -72V or 240 to 380V direct current inputs.
Line Card Modules
Wire-speed line cards deliver up to 6 Billion packets per second of forwarding with a distributed virtual output queue architecture and
lossless fabric that eliminates head-of-line blocking and provides fairness across all ports. Line cards contain up to 24GB of packet
memory for approximately 50msec of traffic buffer per ingress port and virtually eliminating packet drops in congestion scenarios. Line
cards connect to all fabric modules in a non-blocking full mesh.
The Arista 7800R3 systems can be populated with any combination of line cards. For environments requiring the highest performance
combined with scalability a wide choice of speed and interface options is available to provide cloud scale density with carrier grade
features for flexible deployment in data center, internet edge, peering and backbones with advanced features for routing, telemetry and
programmable packet processing.
7800R3 and 7800R3K Series Line Cards
The 7800R3 Series line cards provide a choice of 100G and 400G interfaces with support for industry standard optics for both single and
multi-mode fiber with the flexibility to enable multi-rate configurations. Line cards support for 100G breakout and 400G ensure future
proofing for next generation network architectures. Speed changes and breakout modes are enabled independently of the other ports
on the line card for seamless migration and investment protection for both existing and new network designs.
The 7800R3 and 7800R3A Series of line cards build on the capability of the 7280R and 7500R Series with support for FlexRoute,
Accelerated sFlow and large scale ACLs. FlexRoute provides scalability to support deployment as a routing platform with Internet scale
routing. Algorithmic ACLs provide flexible pattern matching for access control, policy based forwarding and network telemetry. All
variations of the 7800R3 and 7800R3A Series line cards interoperate and the large scale 7800R3K and 7800R3AK Series of line cards
expand FlexRoute support to over 5M routes. Accelerated sFlow at high density 25G, 100G and 400G provides visibility and
programmatic control of traffic steering with no impact on packet forwarding.
7800R3 Series | Platform Overview
7800R3-48CQ series: 48 port 100G line card
- Up to 48 100G ports per line card or 96 50G ports
- 4.8 Tbps of forwarding and 2 Bpps with 8GB of buffer
7800R3-36P and 7800R3A-36P series : 36 port 400G OSFP line card
- Up to 36 400G ports per line card or 144 100G ports
- Flexible 10G, 25G, 50G and 100G with optics or cables
- 14.4 Tbps of forwarding, up to 6 Bpps with 24GB of buffer
7800R3-36D and 7800R3A-36D series: 36 port 400G QSFP-DD line card
- Up to 36 400G ports per line card or 144 100G ports
- Flexible 10G, 25G, 50G and 100G with optics or cables
- 14.4 Tbps of forwarding, up to 6 Bpps with 24GB of buffer
7800R3K-72Y: 72 port 25G and 50G SFP line card
- Up to 72 25G ports per line card and 32 ports of 50G
- Flexible 10G, 25G and 50G with optics or cables
- 2.6 Tbps of forwarding and 1 Bpps with 4GB of buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com