| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C852LIB bảng dữ liệu(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C852LIB bảng dữ liệu(HTML) 51 Page - NXP Semiconductors |
|
51 / 60 page ![]() SC16C852L_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 25 January 2007 51 of 60 NXP Semiconductors SC16C852L 1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder Fig 26. Transmit ready timing in FIFO mode (DMA mode ‘1’) in 16 mode D0 D1 D2 D3 D4 D5 D6 D7 002aac615 stop bit parity bit td(IOW-TXRDYH) TXA, TXB IOW D0 to D7 start bit data bits (0 to 7) byte #32 or byte #128 TXRDYA, TXRDYB td(start-TXRDY) FIFO full active 5 data bits 6 data bits 7 data bits Fig 27. Transmit ready timing in FIFO mode (DMA mode ‘1’) in 68 mode D0 D1 D2 D3 D4 D5 D6 D7 002aac624 stop bit parity bit td(CS-TXRDYH)W TXA, TXB CS (write) D0 to D7 start bit data bits (0 to 7) byte #32 or byte #128 TXRDYA, TXRDYB td(start-TXRDY) trigger lead active 5 data bits 6 data bits 7 data bits |