| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C852LIB bảng dữ liệu(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C852LIB bảng dữ liệu(HTML) 45 Page - NXP Semiconductors |
|
45 / 60 page ![]() SC16C852L_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 25 January 2007 45 of 60 NXP Semiconductors SC16C852L 1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder Fig 14. Modem input/output timing in 16 mode td(IOW-Q) change of state td(modem-INT) td(IOR-INTL) 002aac611 change of state change of state change of state active active active active active active active change of state RTSA, RTSB DTRA, DTRB IOW CDA, CDB CTSA, CTSB DSRA, DSRB INT IOR RIA, RIB td(modem-INT) td(modem-INT) (1) CS timing during a write cycle. See Figure 10. (2) CS timing during a read cycle. See Figure 12. Fig 15. Modem input/output timing in 68 mode td(CS-Q)W change of state td(modem-IRQL) td(modem-IRQL) td(CS-IRQH)R 002aac618 td(modem-IRQL) change of state change of state change of state active active active active active active active change of state RTSA, RTSB DTRA, DTRB CS (write)(1) CDA, CDB CTSA, CTSB DSRA, DSRB IRQ CS (read)(2) RIA, RIB |