| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7347 bảng dữ liệu(PDF) 95 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7347 bảng dữ liệu(HTML) 95 Page - PMC-Sierra, Inc |
|
95 / 341 page ![]() S/UNI®-JET Data Sheet Released Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 95 Document ID: PMC-1990267, Issue 3 Register 305H: S/UNI-JET Interrupt Status Bit Type Function Default Bit 7 R SPLRI/TTBI X Bit 6 R TXCP50I X Bit 5 R RXCP50I X Bit 4 R RBOCI/PRGDI X Bit 3 R FRMRI/LOFI X Bit 2 R PMONI X Bit 1 R TDPRI X Bit 0 R RDLCI X SPLRI/TTBI, TXCP50I, RXCP50I, RBOCI/PRGDI, FRMRI/LOFI, PMONI, TDPRI, RDLCI These bits are interrupt status indicators that identify the block that is the source of a pending interrupt. The SPLRI/TTBI bit will be logic one if either the SPLR or the TTB block has produced the interrupt. The RBOCI/PRGDI bit will be logic one if either the RBOC or PRGD block has produced the interrupt. The FRMRI/LOFI will be logic one if either the FRMR (J2, E3, or T3 - whichever one is enabled) or the E3, T3, or J2 Extended LOF signal (FRMLOFI from Register x9CH) is the source of the interrupt. This register is typically used by interrupt service routines to determine the source of a S/UNI-JET interrupt. |